Electronic Components Datasheet Search
  English  ▼

X  

PTF080451 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 8 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet
8 of 9
2004-06-24
PTF080451
Ordering Information
Type
Package Outline
Package Description
Marking
PTF080451E
30265
Thermally enhanced, flange mount
PTF080451E
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/products
Package Outline Specifications
Package 30265
Notes: Unless otherwise specified
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. Pins: D = drain, S = source, G = gate
4. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001]
20.31
[.800]
10.16±0.25
[.400±.010]
2X 2.59±0.38
[.107 ±.015]
FLANGE 9.78
[.385]
2x 7.11
[.280]
7.11
[.280]
15.23
[.600]
4x 1.52
[.060]
CL
CL
(45° X 2.03
[.080])
S
D
G
2X R1.60
[.063]
LID 10.16±0.25
[.400±.010]
0.0381 [.0015] -A-
3.48±0.38
[.137±.015]
1.02
[.040]
0.51
[.020]
SPH 1.57
[.062]
15.60±0.51
[.614±.020]
H-30265-2-1-2303



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com