Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 104 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 104 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 100Page - Semtech Corporation GS1670 Datasheet HTML 101Page - Semtech Corporation GS1670 Datasheet HTML 102Page - Semtech Corporation GS1670 Datasheet HTML 103Page - Semtech Corporation GS1670 Datasheet HTML 104Page - Semtech Corporation GS1670 Datasheet HTML 105Page - Semtech Corporation GS1670 Datasheet HTML 106Page - Semtech Corporation GS1670 Datasheet HTML 107Page - Semtech Corporation GS1670 Datasheet HTML 108Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
104 of 126
200h
CFG_AUD
IDB
3-2
Specifies the Secondary audio
group to extract.
00: Audio group #1
01: Audio group #2
10: Audio group #3
11: Audio group #4
Note:
Should IDA and IDB be set to
the same value, they automatically
revert to their default values.
R/W
1
IDA
1-0
Specifies the Primary audio group
to extract.
00: Audio group #1
01: Audio group #2
10: Audio group #3
11: Audio group #4
Note:
Should IDA and IDB be set to
the same value, they automatically
revert to their default values.
R/W
0
201h
ACS_DET
RSVD
15-8
Reserved.
R/W
0
DBNB_ERR
7
Set when Secondary group audio
Data Block Number sequence is
discontinuous.
ROCW0
DBNA_ERR
6Set when Primary group audio
Data Block Number sequence is
discontinuous.
ROCW0
CTRB_DET
5
Set when Secondary group audio
control packet is detected.
ROCW0
CTRA_DET
4
Set when Primary group audio
control packet is detected.
ROCW0
ACS_DET3_4B
3
Secondary group audio status
detected for channels 3 and 4.
ROCW0
ACS_DET1_2B
2
Secondary group audio status
detected for channels 1 and 2.
ROCW0
ACS_DET3_4A
1
Primary group audio status
detected for channels 3 and 4.
ROCW0
ACS_DET1_2A
0
Primary group audio status
detected for channels 1 and 2.
ROCW0
Table 4-30:HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com