Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 108 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 108 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 104Page - Semtech Corporation GS1670 Datasheet HTML 105Page - Semtech Corporation GS1670 Datasheet HTML 106Page - Semtech Corporation GS1670 Datasheet HTML 107Page - Semtech Corporation GS1670 Datasheet HTML 108Page - Semtech Corporation GS1670 Datasheet HTML 109Page - Semtech Corporation GS1670 Datasheet HTML 110Page - Semtech Corporation GS1670 Datasheet HTML 111Page - Semtech Corporation GS1670 Datasheet HTML 112Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
108 of 126
208h
CFG_AUD_2
RSVD
15-11
Reserved.
R/W
0
SEL_PHASE_SRC
10
Selects between the Primary and
Secondary embedded phase info.
R/W
0
LSB_FIRSTB
9
Causes the Secondary group serial
output formats to use LSB first.
R/W
0
LSB_FIRSTA
8
Causes the Primary group serial
output formats to use LSB first.
R/W
0
FORCE_M
7
Disables M value detection and
forces M value to that specified by
FORCE_MEQ1001.
R/W
0
FORCE_MEQ1001
6Specifies M value when FORCE_M is
set.
1: M= 1.001
0: M = 1.000
R/W
0
IGNORE_PHASE5
Causes the Demultiplexer to ignore
the embedded clock info in both
the Primary and Secondary group
audio data packets. Clock is
generated based on the video
format and M value.
R/W
0
FORCE_ACLK128
4
Causes the core to ignore
embedded clock info and derive
phase information from ACLK128.
R/W
0
EN_NOT_LOCKED
3
Asserts AUDIO_ERROR when locked
is not asserted.
R/W
0
EN_NO_VIDEO
2
Asserts AUDIO_ERROR when the
video format is unknown.
R/W
0
EN_NO_PHASEB
1
Asserts AUDIO_ERROR when
NO_PHASEB_DATA is set.
R/W
0
EN_NO_PHASEA
0
Asserts AUDIO_ERROR when
NO_PHASEA_DATA is set.
R/W
0
209h
CFG_AUD_3
RSVD
15-3
Reserved.
R/W
0
MISSING_PHASE2
Embedded phase info for chosen
group missing or incorrect.
R0
NO_PHASEB_DATA
1
Secondary group has invalid
embedded clock information.
R0
NO_PHASEA_DATA
0
Primary group has invalid
embedded clock information.
R0
Table 4-30:HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com