Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 111 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 111 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 107Page - Semtech Corporation GS1670 Datasheet HTML 108Page - Semtech Corporation GS1670 Datasheet HTML 109Page - Semtech Corporation GS1670 Datasheet HTML 110Page - Semtech Corporation GS1670 Datasheet HTML 111Page - Semtech Corporation GS1670 Datasheet HTML 112Page - Semtech Corporation GS1670 Datasheet HTML 113Page - Semtech Corporation GS1670 Datasheet HTML 114Page - Semtech Corporation GS1670 Datasheet HTML 115Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
111 of 126
232h
ACTB
RSVD
15-4
Reserved.
R/W
0
ACTB
3-0
Secondary group active channels.
R
0
233h
SEC_AUD_DELAY
_1
RSVD
15-9
Reserved.
R/W
0
DEL1_2B_1
8-1
Secondary Audio group delay data
valid flag for channels 1 and 2.
R0
EBIT1_2B
0
Secondary Audio group delay data
for channels 1 and 2 [7:0].
R0
234h
SEC_AUD_DELAY
_2
RSVD
15-9
Reserved.
R/W
0
DEL1_2B_2
8-0
Secondary Audio group delay data
for channels 1 and 2 [16:8].
R0
235h
SEC_AUD_DELAY
_3
RSVD
15-9
Reserved.
R/W
0
DEL1_2B_3
8-0
Secondary Audio group delay data
for channels 1 and 2 [25:17].
R0
236h
SEC_AUD_DELAY
_4
RSVD
15-9
Reserved.
R/W
0
DEL3_4B_4
8-1
Secondary Audio group delay data
for channels 3 and 4 [7:0].
R0
EBIT3_4B
0
Secondary Audio group delay data
valid flag for channels 3 and 4.
R0
237h
SEC_AUD_DELAY
_5
RSVD
15-9
Reserved.
R/W
0
DEL3_4B_5
8-0
Secondary Audio group delay data
for channels 3 and 4 [16:8].
R0
238h
SEC_AUD_DELAY
_6
RSVD
15-9
Reserved.
R/W
0
DEL3_4B_6
8-0
Secondary Audio group delay data
for channels 3 and 4 [25:17].
R0
239h -
23Fh
RSVD
RSVD
−
Reserved.
R/W
0
240h
ACSR1_2A_BYTE
0_1
ACSR1_2A_0
15-0
Bytes 0 [7:0] and 1 [15:8] of audio
group A channel status for
channels 1 and 2.
R0
241h
ACSR1_2A_BYTE
2_3
ACSR1_2A_2
15-0
Bytes 2 [7:0] and 3 [15:8] of audio
group A channel status for
channels 1 and 2.
R0
242h
ACSR1_2A_BYTE
4_5
ACSR1_2A_4
15-0
Bytes 4 [7:0] and 5 [15:8] of audio
group A channel status for
channels 1 and 2.
R0
243h
ACSR1_2A_BYTE
6_7
ACSR1_2A_6
15-0
Bytes 6 [7:0] and 7 [15:8] of audio
group A channel status for
channels 1 and 2.
R0
244h
ACSR1_2A_BYTE
8_9
ACSR1_2A_8
15-0
Bytes 8 [7:0] and 9 [15:8] of audio
group A channel status for
channels 1 and 2.
R0
Table 4-30:HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com