Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 113 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 113 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 109Page - Semtech Corporation GS1670 Datasheet HTML 110Page - Semtech Corporation GS1670 Datasheet HTML 111Page - Semtech Corporation GS1670 Datasheet HTML 112Page - Semtech Corporation GS1670 Datasheet HTML 113Page - Semtech Corporation GS1670 Datasheet HTML 114Page - Semtech Corporation GS1670 Datasheet HTML 115Page - Semtech Corporation GS1670 Datasheet HTML 116Page - Semtech Corporation GS1670 Datasheet HTML 117Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
113 of 126
258h
ACSR3_4A_BYTE
16_17
ACSR3_4A_16
15-0
Bytes 16 [7:0] and 17 [15:8] of audio
group A channel status for
channels 3 and 4.
R0
259h
ACSR3_4A_BYTE
18_19
ACSR3_4A_18
15-0
Bytes 18 [7:0] and 19 [15:8] of audio
group A channel status for
channels 3 and 4.
R0
25Ah
ACSR3_4A_BYTE
20_21
ACSR3_4A_20
15-0
Bytes 20 [7:0] and 21 [15:8] of audio
group A channel status for
channels 3 and 4.
R0
25Bh
ACSR3_4A_BYTE
22
RSVD
15-8
Reserved.
R/W
0
ACSR3_4A_22
7-0
Bytes 22 of audio group A channel
status for channels 3 and 4.
R0
25Ch -
25Fh
RSVD
RSVD
15-0
Reserved.
R/W
0
260h
ACSR1_2B_BYTE
0_1
ACSR1_2B_0
15-0
Bytes 0 [7:0] and 1 [15:8] of audio
group B channel status for channels
1 and 2.
R0
261h
ACSR1_2B_BYTE
2_3
ACSR1_2B_2
15-0
Bytes 2 [7:0] and 3 [15:8] of audio
group B channel status for channels
1 and 2.
R0
262h
ACSR1_2B_BYTE
4_5
ACSR1_2B_4
15-0
Bytes 4 [7:0] and 5 [15:8] of audio
group B channel status for channels
1 and 2.
R0
263h
ACSR1_2B_BYTE
6_7
ACSR1_2B_6
15-0
Bytes 6 [7:0] and 7 [15:8] of audio
group B channel status for channels
1 and 2.
R0
264h
ACSR1_2B_BYTE
8_9
ACSR1_2B_8
15-0
Bytes 8 [7:0] and 9 [15:8] of audio
group B channel status for channels
1 and 2.
R0
265h
ACSR1_2B_BYTE
10_11
ACSR1_2B_10
15-0
Bytes 10 [7:0] and 11 [15:8] of audio
group B channel status for channels
1 and 2.
R0
266hACSR1_2B_BYTE
12_13
ACSR1_2B_12
15-0
Bytes 12 [7:0] and 13 [15:8] of audio
group B channel status for channels
1 and 2.
R0
267h
ACSR1_2B_BYTE
14_15
ACSR1_2B_14
15-0
Bytes 14 [7:0] and 15 [15:8] of audio
group B channel status for channels
1 and 2.
R0
268h
ACSR1_2B_BYTE
16_17
ACSR1_2B_16
15-0
Bytes 16 [7:0] and 17 [15:8] of audio
group B channel status for channels
1 and 2.
R0
269h
ACSR1_2B_BYTE
18_19
ACSR1_2B_18
15-0
Bytes 18 [7:0] and 19 [15:8] of audio
group B channel status for channels
1 and 2.
R0
26Ah
ACSR1_2B_BYTE
20_21
ACSR1_2B_20
15-0
Bytes 20 [7:0] and 21 [15:8] of audio
group B channel status for channels
1 and 2.
R0
Table 4-30:HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com