Electronic Components Datasheet Search
  English  ▼

X  

GS2970 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS2970
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS2970 Datasheet HTML 69Page - Semtech Corporation GS2970 Datasheet HTML 70Page - Semtech Corporation GS2970 Datasheet HTML 71Page - Semtech Corporation GS2970 Datasheet HTML 72Page - Semtech Corporation GS2970 Datasheet HTML 73Page - Semtech Corporation GS2970 Datasheet HTML 74Page - Semtech Corporation GS2970 Datasheet HTML 75Page - Semtech Corporation GS2970 Datasheet HTML 76Page - Semtech Corporation GS2970 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 145 page
background image
GS2970 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Audio and Video Processing
Data Sheet
47478 - 4
September 2012
73 of 145
programmed (with the other set to zero), ancillary data packets are extracted from one
line per frame only. When both registers are set to zero, the device extracts packets from
all lines.
To start Ancillary Data Extraction, the ANC_DATA_EXT_MASK bit of the host interface
must be set LOW. Ancillary data packet extraction begins in the following frame (see
Figure 4-29: Ancillary Data Extraction - Step A).
Figure 4-29: Ancillary Data Extraction - Step A
Ancillary data is written into Bank A until full. The Y/1ANC and C/2ANC output flags
can be used to determine the length of the ancillary data extracted and when to begin
reading the extracted data from memory.
While the ANC_DATA_EXT_MASK bit is set LOW, the ANC_DATA_SWITCH bit can be
set HIGH during or after reading the extracted data. New data is then written into Bank
B (up to 1024 x 16-bit words), at the corresponding host interface addresses (see Figure
4-30: Ancillary Data Extraction - Step B).
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
0
1023
Application Layer
Read Pointer
Internal Write
Pointer
Bank A
ANC_DATA_SWITCH=LOW
0
1023
Bank B
800h
800h
BFFh
BFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com