Electronic Components Datasheet Search
  English  ▼

X  

GS2970 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS2970
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS2970 Datasheet HTML 82Page - Semtech Corporation GS2970 Datasheet HTML 83Page - Semtech Corporation GS2970 Datasheet HTML 84Page - Semtech Corporation GS2970 Datasheet HTML 85Page - Semtech Corporation GS2970 Datasheet HTML 86Page - Semtech Corporation GS2970 Datasheet HTML 87Page - Semtech Corporation GS2970 Datasheet HTML 88Page - Semtech Corporation GS2970 Datasheet HTML 89Page - Semtech Corporation GS2970 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 145 page
background image
GS2970 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Audio and Video Processing
Data Sheet
47478 - 4
September 2012
86 of 145
When the OS_SEL[1:0] bits are set for 6-sample pointer offset, no boundary-checking is
performed.
In HD mode the audio FIFO is a maximum of 10 samples deep. According to SMPTE
299M, audio samples are multiplexed immediately in the next HANC region after the
audio sample occurs.
4.19.3.4 Audio Crosspoint Block
The Audio Crosspoint is used for audio output channel re-mapping. This feature allows
any of the selected audio channels in Group A or Group B to be output on any of the eight
output channels. The default setting is for one to one mapping, where AOUT_1/2 is
extracted from Group A CH1 and CH2, AOUT_3/4 is extracted from Group A CH3 and
CH4, and so on.
NOTE: If audio samples from embedded audio packets with the group set in IDA[1:0] are
to be paired with samples from the group set in IDB[1:0], all of the channels must have
been derived from the same Word Clock and must be synchronous.
The output channel is set in the OPn_SRC[2:0] host interface registers. Table 4-22 lists the
3-bit address for audio channel mapping.
Table 4-21: Audio Buffer Pointer Offset Settings
OS_SEL[1:0]
Buffer Pointer Offset
00
26 samples (default)
01
12 samples
10
6 samples
Table 4-22: Audio Channel Mapping Codes
Audio Output Channel
3-bit Host Interface
Source Address
1000
2001
3010
4011
5100
6
101
7110
8111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com