Electronic Components Datasheet Search
  English  ▼

X  

GS2970 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2970
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2970 Datasheet HTML 1Page - Semtech Corporation GS2970 Datasheet HTML 2Page - Semtech Corporation GS2970 Datasheet HTML 3Page - Semtech Corporation GS2970 Datasheet HTML 4Page - Semtech Corporation GS2970 Datasheet HTML 5Page - Semtech Corporation GS2970 Datasheet HTML 6Page - Semtech Corporation GS2970 Datasheet HTML 7Page - Semtech Corporation GS2970 Datasheet HTML 8Page - Semtech Corporation GS2970 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 145 page
background image
GS2970 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Audio and Video Processing
Data Sheet
47478 - 4
September 2012
2 of 145
Description
The GS2970 is a multi-rate SDI Receiver which includes
complete SMPTE processing, as per SMPTE 425M, 292 and
SMPTE 259M-C. The SMPTE processing features can be
bypassed to support signals with other coding schemes.
The device features an Integrated Reclocker with an
internal VCO and a wide Input Jitter Tolerance (IJT) of 0.7UI.
A serial digital loop-through output is provided, which can
be configured to output either reclocked or non-reclocked
serial digital data. The serial digital output can be connected
to an external cable driver.
The device operates in one of four basic modes: SMPTE
mode, DVB-ASI mode, Data-Through mode or Standby
mode.
In SMPTE mode (the default operating mode), the GS2970
performs full SMPTE processing, and features a number of
data integrity checks and measurement capabilities.
The device also supports ancillary data extraction, and can
provide entire ancillary data packets through
host-accessible registers. It also provides a variety of other
packet detection and error handling features. All of these
processing features are optional, and may be individually
enabled or disabled through register programming.
Both SMPTE 425M Level A and Level B inputs are supported
with optional conversion from Level B to Level A for 1080p
50/59.94/60 4:2:2 10-bit inputs.
In DVB-ASI mode, sync word detection, alignment and
8b/10b decoding is applied to the received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit format
for 3Gb/s, HD and SD video rates, with a variety of mapping
options. As such, this parallel bus can interface directly with
video processor ICs, and output data can be multiplexed
onto 10 bits for a low pin count interface.
Up to eight channels (two audio groups) of serial digital
audio may be extracted from the video data stream, in
accordance with SMPTE 272M-C and SMPTE 299M.
The output audio formats supported by the device include
AES/EBU and I2S, and two other industry standard serial
digital formats. A variety of audio processing features are
provided to ease implementation. Audio clocks are
internally generated and provided by the device.
Application: Multi-input Video Monitoring System
GS4911
Analog
Sync
Sync
Seperator
Video
Formatter
Video
Memory
HV F/P CLK
Audio Clocks
20-bit
HV F/ P CLK
AE S OUT 1/ 2
AE S OUT 3/ 4
AE S OUT 5/ 6
AE S OUT 7/ 8
HV F/ P CLK
HV F/ P CLK
Audio
Select
20-bit
20-bit
On Screen
Display
Generator
AE S BUS
Audio
Processor
HV /DE /P CLK
DVI/
VGA DAC
Video
Output
3G-SDI
Input 1
GS2970
EQ
GS2984/
GS2974
GS2970
GS2970
3G-SDI
Input 2
3G-SDI
Input n
EQ
GS2984/
GS2974
EQ
GS2984/
GS2974
Application: Multi-format Audio De-embedder Module
PCLK
10-bit
GS2962
DAC
Switch
Logic
&
Drivers
Analog
Audio
Outputs
AES
Audio
Outputs
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
Audio Clocks
SD/HD/3G-SDI
GS2970
SD/HD/3G-SDI
EQ
GS2984/
GS2974
Application: Multi-format Digital VTR/Video Server
Storage:
Tape/HDD/Solid State
Audio
Processor
Video
Processor
20-bit
HV F/P CLK
Audio Outputs
V ideo Output
Audio Clocks
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
SD/HD/3G-SDI
GS2970
EQ
GS2984/
GS2974



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com