Electronic Components Datasheet Search
  English  ▼

X  

GS2970 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2970
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970 Datasheet(HTML) 1 Page - Semtech Corporation

  GS2970 Datasheet HTML 1Page - Semtech Corporation GS2970 Datasheet HTML 2Page - Semtech Corporation GS2970 Datasheet HTML 3Page - Semtech Corporation GS2970 Datasheet HTML 4Page - Semtech Corporation GS2970 Datasheet HTML 5Page - Semtech Corporation GS2970 Datasheet HTML 6Page - Semtech Corporation GS2970 Datasheet HTML 7Page - Semtech Corporation GS2970 Datasheet HTML 8Page - Semtech Corporation GS2970 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 145 page
background image
1 of 145
GS2970 3Gb/s, HD, SD SDI Receiver
Data Sheet
47478 - 4
September 2012
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970
www.semtech.com
Key Features
• Operation at 2.970Gb/s, 2.970/1.001Gb/s, 1.485Gb/s,
1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 425M (Level A and Level B), SMPTE
424M, SMPTE 292, SMPTE 259M-C and DVB-ASI
•Integrated Reclocker
• Integrated low phase noise VCO
• Serial digital reclocked, or non-reclocked loop-through
output
• Integrated audio de-embedder for 8 channels of 48kHz
audio
• Integrated audio clock generator
• Ancillary data extraction
• Optional conversion from SMPTE 425M Level B to
Level A for 1080p 50/59.94/60 4:2:2 10-bit inputs
• Parallel data bus selectable as either 20-bit or 10-bit
• Comprehensive error detection and correction
features
• Output H, V, F or CEA 861 timing signals
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
•GSPI host interface
• -20ºC to +85ºC operating temperature range
• Low power operation (typically 350mW)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and RoHS compliant
Errata
Refer to Errata document entitled GS2970/GS2971 Errata
for this device (document number 53092).
Applications
HD-SDI
Application: Single Link (3G-SDI) to Dual Link (HD-SDI) Converter
GS2962/72
Link A
Link B
HV F/PCLK
10-bit
3G-SDI
GS2970
EQ
GS2984/
GS2974
GS2962/72
10-bit
HV F/PCLK
HD-SDI
Application: 1080p50/60 Monitor
Audio
Selector
Video
Processor
20-bit
HV F/PCLK
CTRL/TIMECODE
AES - OUT
AUDIO 1/2
Audio Clocks
Speakers
Display
DAC
DAC
3G-SDI
GS2970
EQ
GS2984/
GS2974
AUDIO 3/4
AUDIO 5/6
AUDIO 7/8
Application: Multi-format Downconverter
Audio
Processing &
Delay
GS4901
Analog
Sync
Sync
Seperator
20-bit
HV F/P CLK
HD/SD
Serializer
(GS1582,
GS2972)
Video
Downconverter&
Aspect Ratio
Conversion
Memory
20-bit
10-bit SD Bypass
HV F/ P CLK
Audio Clocks
AES 1/ 2
AES 3/ 4
AES 5/ 6
AES 7/ 8
SD-SDI
AE S 1/ 2
AE S 3/ 4
AE S 5/ 6
AE S 7/ 8
SD/HS/3G-SDI
GS2970
EQ
GS2984/
GS2974


Similar Part No. - GS2970

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
logo
Semtech Corporation
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

Similar Description - GS2970

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com