Electronic Components Datasheet Search
  English  ▼

X  

GS2970 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS2970
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS2970 Datasheet HTML 9Page - Semtech Corporation GS2970 Datasheet HTML 10Page - Semtech Corporation GS2970 Datasheet HTML 11Page - Semtech Corporation GS2970 Datasheet HTML 12Page - Semtech Corporation GS2970 Datasheet HTML 13Page - Semtech Corporation GS2970 Datasheet HTML 14Page - Semtech Corporation GS2970 Datasheet HTML 15Page - Semtech Corporation GS2970 Datasheet HTML 16Page - Semtech Corporation GS2970 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
GS2970 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Audio and Video Processing
Data Sheet
47478 - 4
September 2012
13 of 145
E8
SDIN_TDI
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data in/test data in.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test data
into the device.
In host interface mode, this pin is used to write address and
configuration data words into the device.
F1
TERM
Analog Input
Decoupling for internal SDI termination resistors.
F7
CS_TMS
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Chip select / test mode start.
In JTAG mode (JTAG/HOST = HIGH), this pin is Test Mode Start, used
to control the operation of the JTAG test.
In host interface mode (JTAG/HOST = LOW), this pin operates as the
host interface chip select and is active LOW.
F8
SCLK_TCK
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Serial data clock signal.
In JTAG mode (JTAG/HOST = HIGH), this pin is the JTAG clock.
In host interface mode (JTAG/HOST = LOW), this pin is the host
interface serial bit clock.
All JTAG/host interface addresses and data are shifted into/out of
the device synchronously with this clock.
F9, F10, H9,
H10, J8, J9,
J10, K8, K9,
K10
DOUT8, 9, 6, 7, 1,
4, 5, 0, 2, 3
Output
PARALLEL DATA BUS
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
20-bit mode
20bit/10bit = HIGH
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Chroma data output for SD and HD
data rates; Data Stream 2 for 3G data
rate
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
Not defined
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
10-bit mode
20bit/10bit = LOW
Forced LOW
G3RC_BYP
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
When this pin is LOW, the serial digital output is the buffered
version of the input serial data. When this pin is HIGH, the serial
digital output is the reclocked version of the input serial data.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com