Electronic Components Datasheet Search
  English  ▼

X  

GS2971 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS2971 Datasheet HTML 4Page - Semtech Corporation GS2971 Datasheet HTML 5Page - Semtech Corporation GS2971 Datasheet HTML 6Page - Semtech Corporation GS2971 Datasheet HTML 7Page - Semtech Corporation GS2971 Datasheet HTML 8Page - Semtech Corporation GS2971 Datasheet HTML 9Page - Semtech Corporation GS2971 Datasheet HTML 10Page - Semtech Corporation GS2971 Datasheet HTML 11Page - Semtech Corporation GS2971 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
8 of 148
Table 4-20: Audio Data and Control Packet DID Setting Register................................................. 84
Table 4-21: Audio Buffer Pointer Offset Settings ................................................................................ 88
Table 4-22: Audio Channel Mapping Codes ......................................................................................... 88
Table 4-23: Audio Sample Word Lengths .............................................................................................. 89
Table 4-24: Audio Channel Status Information Registers ................................................................ 90
Table 4-25: Audio Channel Status Block for Regenerate Mode Default Settings ..................... 90
Table 4-26: Audio Mute Control Bits ....................................................................................................... 91
Table 4-27: GSPI Time Delay...................................................................................................................... 94
Table 4-28: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 95
Table 4-29: Video Core Configuration and Status Registers............................................................ 96
Table 4-30: SD Audio Core Configuration and Status Registers................................................... 109
Table 4-31: HD and 3G Audio Core Configuration and Status Registers .................................. 124
Table 4-32: ANC Extraction FIFO Access Registers.......................................................................... 139
Table 7-1: Packaging Data......................................................................................................................... 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com