Electronic Components Datasheet Search
  English  ▼

X  

GS2971 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS2971 Datasheet HTML 26Page - Semtech Corporation GS2971 Datasheet HTML 27Page - Semtech Corporation GS2971 Datasheet HTML 28Page - Semtech Corporation GS2971 Datasheet HTML 29Page - Semtech Corporation GS2971 Datasheet HTML 30Page - Semtech Corporation GS2971 Datasheet HTML 31Page - Semtech Corporation GS2971 Datasheet HTML 32Page - Semtech Corporation GS2971 Datasheet HTML 33Page - Semtech Corporation GS2971 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
30 of 148
with downstream devices. The associated Parallel Clock input signal operates at 148.5
or 148.5/1.001MHz (for all 3Gb/s HD 10-bit multiplexed modes), 74.25 or
74.25/1.001MHz (for HD 20-bit mode), 27MHz (for SD 10-bit mode) and 13.5MHz (for SD
20-bit mode).
NOTE: For 3Gb/s 10-bit mode the device operates in Dual Data Rate (DDR) mode, where
the data is sampled at both the rising and falling edges of the clock. This reduces the I/O
speed requirements of the downstream devices.
Up to eight channels, in two groups, of serial digital audio may be extracted from the
video data stream, in accordance with SMPTE 272M and SMPTE 299M. The output signal
formats supported by the device include AES/EBU and three other industry standard
serial digital formats. 16, 20 and 24-bit audio formats are supported at 48kHz
synchronous for SD modes and 48kHz synchronous or asynchronous in HD/3G mode.
Additional audio processing features include group selection, channel swapping, ECC
error detection and correction (HD mode only), and audio channel status extraction.
Audio clock and control signals provided by the device include Word Clock (fs), Serial
Clock (64fs), and Audio Master Clock at user-selectable rates of 128fs, 256fs or 512fs.
4.2 SMPTE 425M Mapping - 3G Level A and Level B Formats
4.2.1 Level A Mapping
Direct image format mapping - the mapping structure used to define 1080p/50/59.94/60
4:2:2 YCbCr 10 bit data, as supported by the GS2971. See Figure 4-1:
Figure 4-1: Level A Mapping
4.2.2 Level B Mapping
The 2 x 292 HD SDI interface - this can be two distinct links running at 1.5Gb/s or one
3Gb/s link formatted according to SMPTE 292 on two 10-bit links (Y/C interleaved). For
1080p/50/59.94/60 4:2:2 video formats, each link should be line-interleaved as per
SMPTE 372M. See Figure 4-2:
Data Stream 1
Data Stream 2
EAV
HANC
SAV
Active Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com