Electronic Components Datasheet Search
  English  ▼

X  

GS2971 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS2971 Datasheet HTML 28Page - Semtech Corporation GS2971 Datasheet HTML 29Page - Semtech Corporation GS2971 Datasheet HTML 30Page - Semtech Corporation GS2971 Datasheet HTML 31Page - Semtech Corporation GS2971 Datasheet HTML 32Page - Semtech Corporation GS2971 Datasheet HTML 33Page - Semtech Corporation GS2971 Datasheet HTML 34Page - Semtech Corporation GS2971 Datasheet HTML 35Page - Semtech Corporation GS2971 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
32 of 148
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an internal and
an external AGC filter capacitor providing a steady control voltage for the gain stage. As
the frequency response of the gain stage is automatically varied by the application of
negative feedback, the edge energy of the equalized signal is kept at a constant level
which is representative of the original edge energy at the transmitter. The equalized
signal is also DC restored, effectively restoring the logic threshold of the equalized signal
to its correct level independent of shifts due to AC coupling.
Figure 4-3: GS2971 Integrated EQ Block Diagram
4.4 Serial Digital Loop-Through Output
The GS2971 contains a 100
Ω differential serial output buffer which can be configured to
output either a retimed or a buffered version of the serial digital input. The SDO and SDO
outputs of this buffer can interface directly to a 3Gb/s-capable, SMPTE compliant
Gennum cable driver. See 5.3 Typical Application Circuit on page 143.
When the RC_BYP pin is set HIGH, the serial digital output is the re-timed version of the
serial input.
When the RC_BYP pin is set LOW, the serial digital output is simply the buffered version
of the serial input, bypassing the internal reclocker.
The output can be disabled by setting the SDO_EN/DIS pin LOW. The output is also
disabled when the STANDBY pin is asserted HIGH. When the output is disabled, both
SDO and SDO pins are set to VDD and remain static.
The SDO output is muted when the RC_BYP pin is set HIGH and the PLL is unlocked
(LOCKED pin is LOW). When muted, the output is held static at logic ‘0’ or logic ‘1’.
NOTE: the serial digital output is muted when the GS2971 is unlocked.
Equalizer
Output
AGC
SDI
SDO
SDI
SDO
AGC
AGC
GAIN_SEL
DC
Restore
Table 4-1: Serial Digital Output
SDO_EN/DIS
RC_BYP
SDO/SDO
0X
Disabled
11
Re-timed
10
Buffered (not re-timed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com