Electronic Components Datasheet Search
  English  ▼

X  

GS2971 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS2971 Datasheet HTML 19Page - Semtech Corporation GS2971 Datasheet HTML 20Page - Semtech Corporation GS2971 Datasheet HTML 21Page - Semtech Corporation GS2971 Datasheet HTML 22Page - Semtech Corporation GS2971 Datasheet HTML 23Page - Semtech Corporation GS2971 Datasheet HTML 24Page - Semtech Corporation GS2971 Datasheet HTML 25Page - Semtech Corporation GS2971 Datasheet HTML 26Page - Semtech Corporation GS2971 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
23 of 148
Output Data Rise/Fall Time (1.8V)
tr/tf
3G 10-bit
6pF Cload
STAT
–
–
0.4
ns
1
DBUS
––
0.3
ns
1
AUDIO
–
–
0.6
ns
1
All other
modes
6pF Cload
STAT
–
–
0.4
ns
1
DBUS
––
0.4
ns
1
AUDIO
–
–
0.6
ns
1
3G 10-bit
15pF Cload
STAT
–
–
1.5
ns
3
DBUS
––
1.1
ns
3
AUDIO
–
–
2.3
ns
3
All other
modes
15pF Cload
STAT
–
–
1.5
ns
3
DBUS
––
1.4
ns
3
AUDIO
–
–
2.3
ns
3
Output Data Rise/Fall Time (3.3V)
tr/tf
3G 10-bit
6pF Cload
STAT
–
–
0.5
ns
2
DBUS
––
0.4
ns
2
AUDIO
–
–
0.6
ns
2
All other
modes
6pF Cload
STAT
–
–
0.5
ns
2
DBUS
––
0.4
ns
2
AUDIO
–
–
0.6
ns
2
Output Data Rise/Fall Time (3.3V)
tr/tf
3G 10-bit
15pF Cload
STAT
–
–
1.6
ns
4
DBUS
––
1.5
ns
4
AUDIO
–
–
2.2
ns
4
All other
modes
15pF Cload
STAT
–
–
1.6
ns
4
DBUS
––
1.4
ns
4
AUDIO
–
–
2.2
ns
4
Serial Digital Input
Serial Input Data Rate
DRSDI
–
0.27
–
2.97
Gb/s
–
Serial Input Voltage Swing
ΔVSDI
TA =25°C, differential,
270Mb/s & 1.485Gb/s
720
800
950
mVp-p
6
TA =25°C, differential,
2.97Gb/s
720
800
880
mVp-p
6
Achievable Cable Length
–Belden 1694A cable, 3G
–150
–
m
–
Belden 1694A cable, HD
–
230
–
m
–
Belden 1694A cable, SD–
460–
m
–
Table 2-4: AC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com