Electronic Components Datasheet Search
  English  ▼

X  

LT6375 Datasheet(PDF) 19 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6375 Datasheet HTML 15Page - Linear Technology LT6375 Datasheet HTML 16Page - Linear Technology LT6375 Datasheet HTML 17Page - Linear Technology LT6375 Datasheet HTML 18Page - Linear Technology LT6375 Datasheet HTML 19Page - Linear Technology LT6375 Datasheet HTML 20Page - Linear Technology LT6375 Datasheet HTML 21Page - Linear Technology LT6375 Datasheet HTML 22Page - Linear Technology LT6375 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT6375
19
6375fa
For more information www.linear.com/LT6375
ERROR BUDGET ANALYSIS
Figure 4 shows the LT6375 in a current measurement
application. The error budget for this application is shown
in Table 8. The resistor divider ratio is set to 15 to divide
the 195V input common mode voltage down to 13V at the
op amp inputs. The 1A current and 10Ω sense resistor
produce an output full-scale voltage of 10V. Table 8 shows
theerrorsourcesinpartspermillion(ppm)ofthefull-scale
voltage across the temperature range of 25°C to 85°C.
Different sources of error contribute to the maximum ac-
curacy that can be achieved in an application. Gain error,
offset voltage and common mode rejection error combine
tosettheinitialerror.Additionally,thegainerrorandoffset
voltage drift across the temperature range. The excellent
gain accuracy, low offset voltage, high CMRR, low offset
voltage drift and low gain error drift of the LT6375 all
combine to enable extremely accurate measurements.
Over-The-Top OPERATION
When the input common mode voltage of the internal op
amp (VCMOP) in the LT6375 is biased near or above the V+
supply,theopampisoperatingintheOver-The-Topregion.
The op amp continues to operate with an input common
mode voltage of up to 76V above V– (regardless of the
positive power supply voltage V+), but its performance is
Table 8. Error Budget Analysis
ERROR SOURCE
LT6375A
LT6375
COMPETITOR 1
COMPETITOR 2
ERROR, ppm of FS
LT6375A LT6375 COMPETITOR 1 COMPETITOR 2
Accuracy, TA = 25°C
Initial Gain Error
0.0035% FS
0.006% FS
0.02% FS
0.03% FS
35
60
200
300
Offset Voltage
540µV
900µV
1100µV
500µV
54
90
110
50
Common Mode
195V/96dB =
3090µV
195V/89dB =
6920µV
195V/90dB =
6166µV
195V/86dB =
9770µV
309
692
617
977
Total Accuracy Error
398
842
927
1327
Temperature Drift
Gain
1ppm/°C ×60°C 1ppm/°C ×60°C
10ppm/°C ×60°C
10ppm/°C ×60°C
60
60
600
600
Offset Voltage
16µV/°C ×60°C 22µV/°C ×60°C
15µV/°C ×60°C
10µV/°C ×60°C
96
132
90
60
Total Drift Error
156
192
690
660
Total Error
554
1034
1617
1987
APPLICATIONS INFORMATION
degraded. The op amp’s input bias currents change from
under±2nAto14µA.Theopamp’sinputoffsetcurrentrises
to ±50nA which adds ±9.5mV to the output offset voltage.
In addition, when operating in the Over-The-Top region,
the differential input impedance decreases from 1MΩ in
normaloperationtoapproximately 3.7kΩinOver-The-Top
operation. This resistance appears across the summing
nodes of the internal op amp and boosts noise and offset
while decreasing speed. Noise and offset will increase by
between 66% and 83% depending on the resistor divider
ratio setting. The bandwidth will be reduced by 40% to
45%. For more detail on Over-The-Top operation, consult
the LT6015 data sheet.
OUTPUT
The output of the LT6375 can typically swing to within
5mV of either rail with no load and is capable of sourcing
and sinking approximately 25mA. The LT6375 is internally
compensated to drive at least 1nF of capacitance under
any output loading conditions. For larger capacitive loads,
a 0.22µF capacitor in series with a 150Ω resistor between
the output and ground will compensate the amplifier to
drive capacitive loads greater than 1nF. Additionally, the
LT6375 has more gain and phase margin as the resistor
divider ratio is increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com