Electronic Components Datasheet Search
  English  ▼

X  

LT6375 Datasheet(PDF) 22 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT6375 Datasheet HTML 18Page - Linear Technology LT6375 Datasheet HTML 19Page - Linear Technology LT6375 Datasheet HTML 20Page - Linear Technology LT6375 Datasheet HTML 21Page - Linear Technology LT6375 Datasheet HTML 22Page - Linear Technology LT6375 Datasheet HTML 23Page - Linear Technology LT6375 Datasheet HTML 24Page - Linear Technology LT6375 Datasheet HTML 25Page - Linear Technology LT6375 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT6375
22
6375fa
For more information www.linear.com/LT6375
Table 9. Configurations for Precision Differential Gains Other Than Unity
LT6375 DIFFERENTIAL AND INVERTING PRECISION DC GAINS
GAIN
±IN
±REFA
±REFB
±REFC
REF
DIFF RIN (k)
NOISE GAIN
0.167
CROSS
INPUT
OUT/REF
CROSS
REF
20
4.2
0.333
NC
INPUT
OUT/REF
CROSS
REF
21
4.0
0.5
INPUT
INPUT
OUT/REF
CROSS
REF
20
4.2
1.5
OUT/REF
NC
CROSS
INPUT
REF
29
7.5
2
CROSS
NC
CROSS
INPUT
REF
27
15.0
2.5
OUT/REF
INPUT
CROSS
NC
REF
25
8.5
2.833
CROSS
INPUT
OUT/REF
INPUT
REF
20
4.2
3
NC
INPUT
OUT/REF
INPUT
REF
21
4.0
3.167
INPUT
INPUT
OUT/REF
INPUT
REF
20
4.2
3.5
OUT/REF
INPUT
INPUT
CROSS
REF
17
12.5
4
CROSS
NC
INPUT
NC
REF
63
7.0
5
NC
NC
INPUT
NC
REF
76
6.0
6
INPUT
NC
INPUT
NC
REF
63
7.0
7
CROSS
NC
NC
INPUT
REF
42
10.0
8
NC
NC
NC
INPUT
REF
48
9.0
9
INPUT
NC
NC
INPUT
REF
42
10.0
10
NC
INPUT
NC
NC
REF
38
11.0
11
INPUT
INPUT
NC
NC
REF
35
12.0
12
CROSS
NC
INPUT
INPUT
REF
27
15.0
13
NC
NC
INPUT
INPUT
REF
29
14.0
14
INPUT
NC
INPUT
INPUT
REF
27
15.0
15
NC
INPUT
INPUT
NC
REF
25
16.0
16
INPUT
INPUT
INPUT
NC
REF
24
17.0
17
CROSS
INPUT
NC
INPUT
REF
20
20.0
18
NC
INPUT
NC
INPUT
REF
21
19.0
19
INPUT
INPUT
NC
INPUT
REF
20
20.0
22
CROSS
INPUT
INPUT
INPUT
REF
16
25.0
23
NC
INPUT
INPUT
INPUT
REF
17
24.0
24
INPUT
INPUT
INPUT
INPUT
REF
16
25.0
APPLICATIONS INFORMATION
The input attenuator section dedicates some pins to es-
tablishing a mid-supply bias point and with the remaining
pins, provides several choices of input signal division fac-
tors as shown in Table 12. The high attenuations that only
use +IN for the signal path can accept waveform peaks
that significantly exceed the supply range. Table 12 also
includes tabulations of the resulting AC load resistance
presented to the signal source. Here again, all pins that
require an AC-ground connection may share a single by-
pass capacitor, and all AC signal connections may share
a coupling capacitor. Note that configurations with +IN to
V+ will bias at 50% of supply, while the others shown will
bias at 38% of supply.
The single-supply AC-coupled noninverting circuit is
completed by configuring the post-attenuator amplifica-
tion factor. Table 13 shows the available re-amplification
factors. Once again, all pins that require an AC-ground
connection may share a single bypass capacitor, and
the output should use a coupling capacitor to its load
destination as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com