Electronic Components Datasheet Search
  English  ▼

X  

LT6375 Datasheet(PDF) 28 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT6375 Datasheet HTML 24Page - Linear Technology LT6375 Datasheet HTML 25Page - Linear Technology LT6375 Datasheet HTML 26Page - Linear Technology LT6375 Datasheet HTML 27Page - Linear Technology LT6375 Datasheet HTML 28Page - Linear Technology LT6375 Datasheet HTML 29Page - Linear Technology LT6375 Datasheet HTML 30Page - Linear Technology LT6375 Datasheet HTML 31Page - Linear Technology LT6375 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LT6375
28
6375fa
For more information www.linear.com/LT6375
TYPICAL APPLICATIONS
–
+
V+
V–
VS+
VS–
OUT
REF
–REFA
–IN
+IN
–REFB
19k
38k
190k
VCTL = ±1V
190k
190k
23.75k
–REFC
+REFA
+REFB
+REFC
6375 TA04
19k
38k
SHDN
23.75k
190k
VCTL
RS
32.4
6 • RS
IOUT =
VOUT
41.6k
LOAD
–
VOUT
–
+
V+
V–
OUT
REF
–REFA
–IN
+IN
–REFB
19k
38k
190k
VREF
190k
190k
23.75k
–REFC
+REFA
+REFB
+REFC
6375 TA05
19k
38k
SHDN
23.75k
190k
VREF
2
VOUT =
±5mA Howland Current Source
Precision Reference Divider/Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com