Electronic Components Datasheet Search
  English  ▼

X  

LT6375 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 2 Page - Linear Technology

  LT6375 Datasheet HTML 1Page - Linear Technology LT6375 Datasheet HTML 2Page - Linear Technology LT6375 Datasheet HTML 3Page - Linear Technology LT6375 Datasheet HTML 4Page - Linear Technology LT6375 Datasheet HTML 5Page - Linear Technology LT6375 Datasheet HTML 6Page - Linear Technology LT6375 Datasheet HTML 7Page - Linear Technology LT6375 Datasheet HTML 8Page - Linear Technology LT6375 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT6375
2
6375fa
For more information www.linear.com/LT6375
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
(V+ to V–)..............................................................60V
+IN, –IN, (Note 2)
Each Input.........................................................±270V
Differential........................................................±540V
+REFA, –REFA, +REFB, –REFB, +REFC, –REFC,
REF, SHDN (Note 2) ................ (V+ + 0.3V) to (V– –0.3V)
Output Current (Continuous) (Note 6)....................50mA
1
3
4
5
6
7
+IN
+REFA
+REFB
+REFC
REF
SHDN
–IN
–REFA
–REFB
–REFC
V+
OUT
15 V–
14
12
11
10
9
8
TOP VIEW
DF PACKAGE
14(12)-LEAD (4mm
× 4mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 15) IS V–, MUST BE SOLDERED TO PCB
1
3
5
6
7
8
+IN
+REFA
+REFB
+REFC
REF
V–
16
14
12
11
10
9
–IN
–REFA
–REFB
–REFC
V+
OUT
TOP VIEW
MS PACKAGE
VARIATION: MS16 (12)
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 130°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6375IDF#PBF
LT6375IDF#TRPBF
6375
14-Lead (4mm × 4mm) Plastic DFN
–40°C to 85°C
LT6375HDF#PBF
LT6375HDF#TRPBF
6375
14-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT6375AHDF#PBF
LT6375AHDF#TRPBF
6375
14-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT6375IMS#PBF
LT6375IMS#TRPBF
6375
16-Lead Plastic MSOP
–40°C to 85°C
LT6375HMS#PBF
LT6375HMS#TRPBF
6375
16-Lead Plastic MSOP
–40°C to 125°C
LT6375AHMS#PBF
LT6375AHMS#TRPBF
6375
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Output Short-Circuit Duration (Note 3) Thermally Limited
Temperature Range (Notes 4, 5)
LT6375I................................................–40°C to 85°C
LT6375H ............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
MSOP Lead Temperature (Soldering, 10 sec)........300°C
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com