Electronic Components Datasheet Search
  English  ▼

X  

LT6375 Datasheet(PDF) 29 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT6375 Datasheet HTML 24Page - Linear Technology LT6375 Datasheet HTML 25Page - Linear Technology LT6375 Datasheet HTML 26Page - Linear Technology LT6375 Datasheet HTML 27Page - Linear Technology LT6375 Datasheet HTML 28Page - Linear Technology LT6375 Datasheet HTML 29Page - Linear Technology LT6375 Datasheet HTML 30Page - Linear Technology LT6375 Datasheet HTML 31Page - Linear Technology LT6375 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT6375
29
6375fa
For more information www.linear.com/LT6375
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LT6375#packaging for the most recent package drawings.
4.00 ±0.10
(4 SIDES)
NOTE:
1. PACKAGE OUTLINE DOES NOT CONFORM TO JEDEC MO-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ±0.10
1
7
14
8
BOTTOM VIEW—EXPOSED PAD
1.70 ±0.10
0.75 ±0.05
R = 0.115
TYP
0.25 ±0.05
0.50 BSC
3.00 REF
3.38 ±0.10
0.200 REF
0.00 – 0.05
(DF14)(12) DFN 1113 REV 0
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
0.50 BSC
3.10 ±0.05
4.50 ±0.05
PACKAGE OUTLINE
PIN 1 NOTCH
0.35
× 45°
CHAMFER
1.70 ±0.05
3.38 ±0.05
3.00 REF
1.00
BSC
1.00
BSC
DF Package
14(12)-Lead Plastic DFN (4mm
× 4mm)
(Reference LTC DWG # 05-08-1963 Rev Ø)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com