Electronic Components Datasheet Search
  English  ▼

X  

DS92UT16 Datasheet(PDF) 49 Page - Texas Instruments

Part # DS92UT16
Description  UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92UT16 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DS92UT16 Datasheet HTML 45Page - Texas Instruments DS92UT16 Datasheet HTML 46Page - Texas Instruments DS92UT16 Datasheet HTML 47Page - Texas Instruments DS92UT16 Datasheet HTML 48Page - Texas Instruments DS92UT16 Datasheet HTML 49Page - Texas Instruments DS92UT16 Datasheet HTML 50Page - Texas Instruments DS92UT16 Datasheet HTML 51Page - Texas Instruments DS92UT16 Datasheet HTML 52Page - Texas Instruments DS92UT16 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
OBSOLETE
DS92UT16
www.ti.com
SNOS992E – JANUARY 2002 – REVISED APRIL 2013
Register Description
This section describes all the software accessible registers in the DS92UT16. A summary of all registers is
shown in Table 19.
Table 19. Register Map Summary(1)(2)(3)
Software
Reset
Register Name
Address
Section and Description
Lock
Value
SLK0
0x00
N
0x00
18.1 Software Lock 1
SLK1
0x01
N
0x00
18.1 Software Lock 2
VID
0x02
N
See(4)
18.2 Version Identification
GCS
0x03
Y
0x05
18.3 General Control and Status
LVC
0x04
Y
0x3B
18.4 LVDS Control
PDUCFG
0x05
Y
0x00
18.5 PDU Configuration
IS
0x06
N
0x00
18.6 Interrupt Source
ISE
0x07
N
0x00
18.7 Interrupt Source Enables
LKSC
0x08
Y
0x34
18.8 Link Status and Control
TXLL
0x09
N
0x00
18.9 Transmit Link Label
ETXRXA
0x0A
N
0x01
18.10 ECC Transmit Buffer and Receive LVDS Alarms
ETXRXIE
0x0B
N
0x00
18.11 ECC Transmit Buffer and Receive LVDS Interrupt Enables
ETXSD
0x0C
N
0x00
18.12 ECC Transmit Buffer Send
ETXD7
0x0D
N
0x00
18.13 ECC Transmit Buffer 7
ETXD6
0x0E
N
0x00
18.13 ECC Transmit Buffer 6
ETXD5
0x0F
N
0x00
18.13 ECC Transmit Buffer 5
ETXD4
0x10
N
0x00
18.13 ECC Transmit Buffer 4
ETXD3
0x11
N
0x00
18.13 ECC Transmit Buffer 3
ETXD2
0x12
N
0x00
18.13 ECC Transmit Buffer 2
ETXD1
0x13
N
0x00
18.13 ECC Transmit Buffer 1
ETXD0
0x14
N
0x00
18.13 ECC Transmit Buffer 0
GPIO
0x15
N
0xF0
18.14 General Purpose Input/Output
TERRCTL
0x16
Y
0x00
18.15 Test Error Control
ERRBIP1
0x17
Y
0x00
18.16 BIP Error Mask 1
ERRBIP0
0x18
Y
0x00
18.16 BIP Error Mask 0
ERRHEC
0x19
Y
0x00
18.17 HEC Error Mask 0
ALBC
0x1A
N
0x00
18.18 ATM and LVDS Loopback Control
ALBMP
0x1B
N
0x00
18.19 ATM Loopback Cell MPhy
ALBCF3
0x1C
N
0x00
18.20 ATM Loopback Cell Format 3
ALBCF2
0x1D
N
0x00
18.20 ATM Loopback Cell Format 2
ALBCF1
0x1E
N
0x00
18.20 ATM Loopback Cell Format 1
ALBCF0
0x1F
N
0x00
18.20 ATM Loopback Cell Format 0
RALL
0x20
N
0x00
18.21 Receive Port A Link Label
RAELL
0x21
N
0x00
18.22 Receive Port A Expected Link Label
RALA
0x22
N
0x00
18.23 Receive Port A Local Alarms
RALIE
0x23
N
0x00
18.24 Receive Port A Local Interrupt Enables
RACTL
0x24
Y
0x01
18.25 Receive Port A Control
Reserved
0x25
ERAD7
0x26
N
0x00
18.26 ECC Receive Buffer A 7
(1)
All configuration and control registers can be read by the processor to determine the status of the DS92UT16.
(2)
All reserved (register bits for internal use only) and unused (no register) bits will be read as zero and should be written as zero to ensure
future compatibility.
(3)
Writing to read only register bits has no affect.
(4)
The reset value of the VID register will be different for various versions of the device.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: DS92UT16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com