Electronic Components Datasheet Search
  English  ▼

X  

DS92UT16 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS92UT16
Description  UTOPIA-LVDS Bridge for 1.6 Gbps Bi-directional Data Transfers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92UT16 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS92UT16 Datasheet HTML 3Page - Texas Instruments DS92UT16 Datasheet HTML 4Page - Texas Instruments DS92UT16 Datasheet HTML 5Page - Texas Instruments DS92UT16 Datasheet HTML 6Page - Texas Instruments DS92UT16 Datasheet HTML 7Page - Texas Instruments DS92UT16 Datasheet HTML 8Page - Texas Instruments DS92UT16 Datasheet HTML 9Page - Texas Instruments DS92UT16 Datasheet HTML 10Page - Texas Instruments DS92UT16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
OBSOLETE
DS92UT16
www.ti.com
SNOS992E – JANUARY 2002 – REVISED APRIL 2013
Parity generation and checking is available in all modes.
To support systems where routing tags and/or padding are added to the ATM cells at a previous device, the
UTOPIA interface on DS92UT16 may be programmed to handle non-standard ATM cells of length 52 bytes up to
64 bytes. See Figure 6. In all cases, the Start Of Cell (SOC) signal must correspond to the first byte or word of
the extended cell.
Back-to-back cell transfer is supported in all modes.
When configured as an ATM layer device, receive polling and transmit polling of those Ports with queued cells is
Round-Robin. The DS92UT16 will only poll those PHY ports configured as active.
TRAFFIC BUFFERS
Down-Bridge FIFO
In the down-bridge direction, a simple 3 cell FIFO (with 30 cell overhead) is used to rate adapt the data from the
UTOPIA clock domain to the LVDS clock domain for transmission. Per port queuing and back pressure/flow
control is handled by the corresponding up-bridge Multi-port Traffic Buffer in the far end DS92UT16 device as
described in Up-Bridge Multi-Port Traffic Buffer and Flow Control.
Up-Bridge Multi-Port Traffic Buffer
In the up-bridge direction, a 160 cell linked list buffer is shared across up to 31 port queues. This is called the
Multi-port Traffic Buffer. Although each MPHY may be connected to 8 sub-ports/PHY's, the MTB has a single
queue per MPHY port, as it only uses the 5-bit MPHY address and does not access the sub-port address bits.
Each port has a programmable upper fill threshold. In the up-bridge direction, queue overflow is avoided through
the means of a per queue flow control protocol embedded in the LVDS link as described in Flow Control. Should
any queue reach this upper threshold, back-pressure is applied via the flow control mechanism over the serial
link to the down-bridge (transmitting) device which uses the normal UTOPIA flow control handshaking to prevent
any more cells being transferred and thus prevent overflow.
The individual queue per port architecture ensures that the flow control is non-blocking across the 31 ports.
However, the 8 sub-ports within each port can be blocking.
Furthermore, as is the nature of link-list buffers, each queue may be over-assigned memory space, working on
the assumption that not every queue will back up simultaneously. To accommodate the rare occasions where the
buffer as a whole approaches full but individual queues are below their full threshold, the device also compares
the overall buffer fill against a threshold. The flow control mechanism provides a global ‘halt' command to ensure
that no cells will be lost if the overall buffer should approach the overflow condition.
TRANSMISSION CONVERGENCE SUB-LAYER (TCS)
In the down-bridge direction, the Transmission Convergence Sub-layer (TCS) Assembler performs cell rate de-
coupling. The TCS Assembler then prepares the cells for transport over the LVDS link by packaging them within
link Transport Containers (TC).
In the up-bridge direction, the TCS Disassemblers unpack the link transport containers and route the cells to the
Multi-port Traffic Buffer.
MPHY address, flow control, and OAM information is embedded within the link transport containers.
Cell Rate Decoupling
In the down-bridge direction, the TCS Assembler inserts idle cells when no valid traffic cells are available from
the FIFO for onward transmission. In the up-bridge direction, the TCS Disassembler rejects all received idle cells.
Link Transport Container (TC)
The ATM cells received on the UTOPIA interface can be standard or user-specified cells. Cell length is
programmable from 52 to 64 bytes. These cells are treated as Protocol Data Units (PDU), which are packaged
into Transport Containers (TC) for transmission over the serial link. In the reverse direction, the cell PDUs are
unpacked from the link TCs before being passed out on the UTOPIA interface.
This is illustrated in Figure 6.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS92UT16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com