Electronic Components Datasheet Search
  English  ▼

X  

TLE6240GP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6240GP Datasheet HTML 1Page - Infineon Technologies AG TLE6240GP Datasheet HTML 2Page - Infineon Technologies AG TLE6240GP Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
5
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C; Reset = H
(unless otherwise specified)
min
typ
max
1. Power Supply, Reset
Supply Voltage
4
VS
4.5
--
5.5
V
Supply Current
IS
--
5
10
mA
Supply Current in Standby Mode (RESET = L)
IS(stdy)
--
10
50
µA
Minimum Reset Duration
(After a reset all parallel inputs are ORed with the SPI
data bits)
tReset,min
10
--
--
µs
2. Power Outputs
ON Resistance VS = 5 V
TJ = 25°C
Channel 1 ... 8
TJ = 150°C
RDS(ON)
--
--
1
1.7
1.3
2.2
Ω
ON Resistance VS = 5 V
TJ = 25°C
Channel 10, 11, 14, 15
TJ = 150°C
RDS(ON)
--
--
0.35
0.60
0.40
0.70
Ω
ON Resistance VS = 5 V
TJ = 25°C
Channel 9, 12, 13, 16
TJ = 150°C
RDS(ON)
--
--
0.30
0.50
0.35
0.60
Ω
Output Clamping Voltage
Channel 1-8
Output OFF
Channel 9-16
VDS(AZ)
45
45
50
52,5
60
60
V
Current Limit
Channel 1...8
Channel 9...16
ID(lim)
1
3
1.5
4.5
2
6
A
Output Leakage Current
VReset = L
ID(lkg)
--
--
10
µA
Turn-On Time
ID = 0.5 A, resistive load
tON
--
6
12
µs
Turn-Off Time
ID = 0.5 A, resistive load
tOFF
--
6
12
µs
3. Digital Inputs
Input Low Voltage
VINL
- 0.3
--
1.0
V
Input High Voltage
VINH
2.0
--
--
V
Input Voltage Hysteresis
VINHys
50
100
200
mV
Input Pull Down/Up Current (IN1...4, IN9...12)
VIN = 5 V IIN(1..4,9...12)
20
50
100
µA
PRG, Reset Pull Up Current
IIN(PRG,Res)
20
50
100
µA
Input Pull Down Current (SI, SCLK)
IIN(SI,SCLK)
10
20
50
µA
Input Pull Up Current (
CS )
IIN(CS)
10
20
50
µA
4. Digital Outputs (SO, FAULT )
SO High State Output Voltage
ISOH = 2 mA
VSOH
VS - 0.4 --
--
V
SO Low State Output Voltage
ISOL = 2.5 mA
VSOL
--
--
0.4
V
Output Tri-state Leakage Current
CS = H, 0
≤ VSO ≤ VS
ISOlkg
-10
0
10
µA
FAULT Output Low Voltage
IFAULT = 1.6 mA
VFAULTL
--
--
0.4
V
4 For V
S < 4.5V the power stages are switched according the input signals and data bits or are definitely switched
off. This undervoltage reset gets active at VS = 3V (typ. value) and is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com