Electronic Components Datasheet Search
  English  ▼

X  

TLE6240GP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6240GP Datasheet HTML 1Page - Infineon Technologies AG TLE6240GP Datasheet HTML 2Page - Infineon Technologies AG TLE6240GP Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
1
Smart 16-fold Low-Side Switch
Features
Product Summary
• Short Circuit Protection
• Overtemperature Protection
• Overvoltage Protection
• 16 bit Serial Data Input and Diagnostic
Output (2 bit/chan. acc. SPI Protocol)
• Direct Parallel Control of Eight chan-
nels for PWM Applications
• Parallel Inputs High or Low Active Pro-
grammable
• General Fault Flag
• Low Quiescent Current
• Compatible with 3V Microcontrollers
• Electostatic discharge (ESD) Protection
Application
• µC Compatible Power Switch for 12 V and 24 V Applications
• Switch for Automotive and Industrial System
• Solenoids, Relays and Resistive Loads
• Robotic Controls
General description
16-fold Low-Side Switch (8 x 1.3
Ω, 4 x 0.4 Ω, 4 x 0.35 Ω) in Smart Power Technology (SPT) with a
Serial Peripheral Interface (SPI) and 16 open drain DMOS output stages. The TLE 6240 GP is pro-
tected by embedded protection functions and designed for automotive and industrial applications. The
output stages are controlled via SPI Interface. Additionally 8 channels can be controlled direct in par-
allel for PWM applications. Therefore the TLE 6240 GP is particularly suitable for engine management
and powertrain systems, safety and body applications.
Supply voltage
VS
4.5 – 5.5V
Drain source clamping voltage VDS(AZ)max
60
V
On resistance
RON 1-8
1.0
Ω
RON 10,11,14,15
0.35
Ω
RON 9,12,13,16
0.3
Ω
Output current (Channel 1-8)
ID(NOM)
0.5
A
(Channel 9-16) ID(NOM)
1A
P-DSO 36-12
Ordering Code:
Q67007-A9470
RESET
FAULT
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
16
16
GND
VS
SO
1
8
IN1
IN3
OUT1
OUT16
PRG
VBB
VS
as Ch. 1
16
GND
Protection
Functions
IN10
as Ch. 1
IN11
as Ch. 1
IN12
as Ch. 1
IN4
as Ch. 1
IN9
as Ch. 1
IN2
as Ch. 1
CS


Similar Part No. - TLE6240GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
1Mb / 37P
Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
TLE6240GP INFINEON-TLE6240GP_10 Datasheet
1Mb / 37P
Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
More results

Similar Description - TLE6240GP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4224-2 SIEMENS-TLE4224-2 Datasheet
215Kb / 8P
Smart Low-Side Switch
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP_10 Datasheet
1Mb / 37P
Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com