Electronic Components Datasheet Search
  English  ▼

X  

TLE6240GP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-fold Low-Side Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP Datasheet HTML 11Page - Infineon Technologies AG TLE6240GP Datasheet HTML 12Page - Infineon Technologies AG TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet TLE 6240 GP
V3.1
Page
26.Aug 2002
9
Serial Control of the Outputs: SPI protocol
Each output is independently controlled by an output latch and a common reset line, which
disables all outputs. The Serial Input (SI) is read on the falling edge of the serial clock. A logic
high input 'data bit' turns the respective output channel ON, a logic low 'data bit' turns it OFF.
CS
must be low whilst shifting all the serial data into the device. A low-to-high transition of
CS
transfers the serial data input bits to the output control buffer.
The 16 channels of the TLE 6240 GP are divided up into two parts for the control of the out-
puts (ON, OFF) and the diagnosis information.
Channel 1 to 8:
Serial Input (SI) information consists of 16 bit. 8 bit contain the input driver information for
channel 1 to 8. The remaining 8 bits are used to program a certain operation mode.
Control Byte1: Operation mode and diagnosis select for channels 1 to 8
Data Byte1:
ON/OFF information for channel 1 to 8
Serial Output (SO) data consists of 16 bit containing the diagnosis information for channels
1 to 8 with two bits per channel.
DIAG_1:
Diagnosis data for channels 1 to 8.
Channel 9 to 16:
Control Byte2: Operation mode and diagnosis select for channels 9 to 16
Data Byte2:
ON/OFF information for channel 9 to 16
DIAG_2:
Diagnosis data for channels 9 to 16.
To drive all 16 channels and to get the complete diagnosis data of the TLE 6240 GP a two
step access has to be performed as follows:
First access:
SI
SO
CS
SI command: Control Byte 1 programs the
operation mode of channels 1 to 8.
Data Byte 1 gives the input information (on
or off) for Channel 1 to 8.
SO diagnosis: Diagnosis information of
channel 1 to 8 or 9 to 16, depending on the
SI control word before.
Control Byte1
Data Byte1
16 bit Diagnosis
SI
SO
CS
Control Byte1
Data Byte1
DIAG_1 (Ch. 1 to 8)
SI command: Control Byte 1 programs the
operation mode of Channels 1 to 8.
Data Byte 1 gives the input information (on
or off) for Channel 1 to 8.
SO diagnosis: 16 bit diagnosis information
(two bit per channel) of channels 1 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com