Electronic Components Datasheet Search
  English  ▼

X  

TLE6244X Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE6244X Datasheet HTML 30Page - Infineon Technologies AG TLE6244X Datasheet HTML 31Page - Infineon Technologies AG TLE6244X Datasheet HTML 32Page - Infineon Technologies AG TLE6244X Datasheet HTML 33Page - Infineon Technologies AG TLE6244X Datasheet HTML 34Page - Infineon Technologies AG TLE6244X Datasheet HTML 35Page - Infineon Technologies AG TLE6244X Datasheet HTML 36Page - Infineon Technologies AG TLE6244X Datasheet HTML 37Page - Infineon Technologies AG TLE6244X Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Final Data Sheet
34
V4.2, 2003-08-29
TLE 6244X
1.10 VDD-Monitoring
Overview:
The VDD-monitoring generates a „low“ signal at the bidirectional pin ABE if the 5V supply volt-
age at pin VDD is out of the permissible range of 4.5V...5.5V. On ABE = low the power stages of
TLE6244X are switched off. Exception: OUT8 is not switched off in case of parallel control via
IN8 by the VDD monitoring undervoltage threshold, but by a threshold of 3.5V at VDD.
On shorting pin ABE to VDD or UBATT (≤ 36V), the power stages will be switched off in case of
undervoltage or overvoltage at pin VDD in spite of ABE = high.
The behavior of the ABE level on the return of VDD out of the undervoltage range into the cor-
rect range is not configurable. At the transition from undervoltage to normal voltage the signal
at pin ABE goes high after a filtering time is expired. The behavior of the ABE level on the
return of VDD out of the overvoltage range into the correct range is configurable in
STATCON_REG, Bit5. At the transition from overvoltage to normal voltage the signal at pin ABE
goes high either after a filtering time (OV not latched) or after a SPI writing instruction (OV
latched, state after reset).
On undervoltage condition the signal at pin ABE goes high after a filtering time is expired. On
overvoltage condition pin ABE goes high either after a filtering time or after a SPI writing instruc-
tion. Before this SPI instruction is sent to TLE6244X appropriate tests can be carried out by the
controller.
If the voltage at pin VDD is below the lower limit or is resp. was above the upper limit, this can
be read out by the SPI instruction RD_STATCON.
VDD-monitoring has no influence on SCON_REGx, MUX_REGx, DIA_REGx, CONFIG and
INP_REGx.
If output stages are switched off by the internal over-/undervoltage detection or by externally
applying a low signal at the ABE pin, no failure storage (DIAREG1...5) may occur.
Description in Detail:
Description of the Register:
STATCON_REG
Bit 7
1: Normal operation
0: Test of VDD threshold
Access by controller: read/write
State of reset: 1
Bit 6
1: Testing the lower threshold (if bit 7 = 0)
0: Testing the upper threshold (if bit 7 = 0)
Access by controller: read/write
State of reset: 1
Bit 5
1: ABE latched after overvoltage
0: ABE deactivated immediately after the disappearance of the overvoltage
Access by controller: read/write
State of reset: 1
Bit 2
Reading out the level at pin ABE
Access by controller: read only
Bit 1
1: no undervoltage at pin VDD
0: undervoltage at pin VDD
Access by controller: read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com