Electronic Components Datasheet Search
  English  ▼

X  

TLE6244X Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE6244X Datasheet HTML 24Page - Infineon Technologies AG TLE6244X Datasheet HTML 25Page - Infineon Technologies AG TLE6244X Datasheet HTML 26Page - Infineon Technologies AG TLE6244X Datasheet HTML 27Page - Infineon Technologies AG TLE6244X Datasheet HTML 28Page - Infineon Technologies AG TLE6244X Datasheet HTML 29Page - Infineon Technologies AG TLE6244X Datasheet HTML 30Page - Infineon Technologies AG TLE6244X Datasheet HTML 31Page - Infineon Technologies AG TLE6244X Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Final Data Sheet
28
V4.2, 2003-08-29
TLE 6244X
Reading the State resp. the Configuration:
(SPI Instructions: WR_STATCON, RD_STATCON)
Register:
STATCON_REG
7
654
321
0
CONFIG2
CONFIG1
CONFIG0
STATUS4
STATUS3
STATUS2
STATUS1
STATUS0
Bit
Name
Description
0
STATUS0
Bit = 1: No overvoltage at VDD
Bit = 0: Overvoltage at VDD resp. state of overvoltage still
stored (reset by CONFIG0 = 0)
Access by Controller:
Read only
Overvoltage information (bit STATUS0 = 0) will not be reset by an
external reset signal (pin RST=low). Overvoltage will be detected
and stored (CONFIG0 = 1) during RST=low. The information will be
deleted when an internal (undervoltage) reset occurs or when
CONFIG0 is set to 0.
1
STATUS1
Bit = 1: No undervoltage at VDD
Bit = 0: Undervoltage at VDD
Access by Controller:
Read only
2
STATUS2
Reading the voltage level at ABE
Access by Controller:
Read only
3
STATUS3
Common error flag
Bit =1: At present no error is entered in one of the 5 diag-
nostic registers DIA_REG1..5.
Bit = 0: For at least at one power stage an error has been
detected and entered in the corresponding diagnostic
register.
Access by Controller:
Read only
4
STATUS4
Common overtemperature flag
Bit = 1: No overtemperature detected since the last reset
of diagnostic information (by del_dia instruction,
RST = Low or undervoltage at VDD (see 3.2. ))
Bit = 0: Overtemperature for at least one power stage has
been detected since the last reset of the
diagnostic information (by del_dia instruction,
RST = Low or undervoltage at VDD (see 3.2. ))
State of Reset: 1
Access by Controller:
Read only
5
CONFIG0
Bit = 1: Latch function for overvoltage at VDD is switched on
Bit = 0: Latch function for overvoltage at VDD is switched off
State of Reset: 1
Access by Controller:
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com