Electronic Components Datasheet Search
  English  ▼

X  

TLE6244X Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE6244X Datasheet HTML 45Page - Infineon Technologies AG TLE6244X Datasheet HTML 46Page - Infineon Technologies AG TLE6244X Datasheet HTML 47Page - Infineon Technologies AG TLE6244X Datasheet HTML 48Page - Infineon Technologies AG TLE6244X Datasheet HTML 49Page - Infineon Technologies AG TLE6244X Datasheet HTML 50Page - Infineon Technologies AG TLE6244X Datasheet HTML 51Page - Infineon Technologies AG TLE6244X Datasheet HTML 52Page - Infineon Technologies AG TLE6244X Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Final Data Sheet
49
V4.2, 2003-08-29
TLE 6244X
3.6 Power outputs
2.2A/45V
OUT9...OUT14
In case of open input (parallel con-
trol) or missing power supply the
power stage is switched off. Paral-
lel connection of power stages is
possible.
3.6.1 Nominal Cur-
rent
C
IOUT9..
.14
2.2
A
3.6.2 Extended Cur-
rent Range
IOUTi > 2.2A
Accumulated operating time
C
100
h
3.6.3 Maximum
Current
(Short Circuit
Shut down
Threshold)
4.5V
≤ UUBatt ≤ 17V for OUT11..14
4.5V
≤ UUBatt for OUT9/10
TJ = -40°C
TJ = 150°C
B
A
IOUTi
IOUTi
2.4
2.2
3.8
3.7
A
A
UUBatt > 21V for OUT11...14
TJ = -40°C
TJ = 150°C
B
A
IOUTi
IOUTi
3
2.7
5
4.6
A
A
For OUT11... OUT14
Above this limit short circuit to
UBatt is detected. For the duration
of the shutoff delay time tVoff (see
3.6.4) the output current is limited
to approximately this value. If the
short circuit condition is still
present after tVoff, the outputs
OUT11...OUT14 are switched off.
An error is stored after tDiag (see
3.11.4).
The same is true for OUT9,
OUT10 if the static current limita-
tion is not enabled.
Between -40°C and 150°C an
approximately linear characteristic
line can be assumed.
Between 17V
≤ UUBatt ≤ 21V, the
short circuit shutdown threshold is
switched for OUT11..14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com