Electronic Components Datasheet Search
  English  ▼

X  

TLE6244X Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6244X Datasheet HTML 1Page - Infineon Technologies AG TLE6244X Datasheet HTML 2Page - Infineon Technologies AG TLE6244X Datasheet HTML 3Page - Infineon Technologies AG TLE6244X Datasheet HTML 4Page - Infineon Technologies AG TLE6244X Datasheet HTML 5Page - Infineon Technologies AG TLE6244X Datasheet HTML 6Page - Infineon Technologies AG TLE6244X Datasheet HTML 7Page - Infineon Technologies AG TLE6244X Datasheet HTML 8Page - Infineon Technologies AG TLE6244X Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Final Data Sheet
2
V4.2, 2003-08-29
TLE 6244X
1. Description
1.1 Short Description
This circuit is available in MQFP64 package or as chip.
1.1.1 Features of the Power Stages
*) only serial control possible (via SPI)
Parallel connection of power stages is possible (see 1.13)
Internal short-circuit protection
Phase relation: non-inverting (exception: IN8->OUT8 is inverting)
1.1.2 Diagnostic Features
The following types of error can be detected:
Short-circuit to UBatt (SCB)
Short-circuit to ground (SCG)
Open load (OL)
Overtemperature (OT)
Individual detection for each output.
Serial transmission of the error code via SPI.
1.1.3 VDD-Monitoring
Low signal at pin ABE and shut-off of the power stages if VDD is out of the permitted range.
Exception: If OUT8 is controlled by IN8, OUT8 will only be switched off by the overvoltage
detection and not by undervoltage detection.
The state of VDD can be read out via SPI.
1.1.4 µsec-bus
Alternatively to the parallel and SPI control of the power stages, a high speed serial bus inter-
face can be configured as control of the power stages OUT1...OUT7 and OUT9...OUT16.
1.1.5 Power Stage OUT8
OUT8 can be controlled by SPI or by the pin IN8 only. When controlled by IN8 this power stage
is functional if the voltage at the pin VDD is above 3,5V.
OUT8 will not be reset by RST. In
SPI mode the power stage is fully supervised by the VDD-monitor.
Nominal Current Ron,max at TJ = 25°C static current limita-
tion enabled by SPI
Clamping
OUT1, 2, 5, 6
2.2A
400m
Ω
-
70V
OUT3, OUT4
2.2A
380m
Ω
-70V
OUT7, OUT8
1.1A
780m
Ω
-45V
OUT9, OUT10
2.2A
380m
Ω
X
45V
OUT11...OUT14
2.2A
380m
Ω
-45V
OUT15, OUT16
3.0A
280m
Ω
X
45V
OUT17, OUT18 *)
1.1A
780m
Ω
X45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com