Electronic Components Datasheet Search
  English  ▼

X  

TLE6244X Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6244X Datasheet HTML 1Page - Infineon Technologies AG TLE6244X Datasheet HTML 2Page - Infineon Technologies AG TLE6244X Datasheet HTML 3Page - Infineon Technologies AG TLE6244X Datasheet HTML 4Page - Infineon Technologies AG TLE6244X Datasheet HTML 5Page - Infineon Technologies AG TLE6244X Datasheet HTML 6Page - Infineon Technologies AG TLE6244X Datasheet HTML 7Page - Infineon Technologies AG TLE6244X Datasheet HTML 8Page - Infineon Technologies AG TLE6244X Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
18 Channel Smart Lowside Switch
ASSP for Powertrain
Final Data Sheet
Final Data Sheet
1
V4.2, 2003-08-29
TLE 6244X
Features
• Short Circuit Protection
• Overtemperature Protection
• Overvoltage Protection
• 16 bit Serial Data Input and Diagnostic Output
(2 bit/chan. acc. SPI Protocol)
• Direct Parallel Control of 16 channels for PWM
Applications
• Low Quiescent Current
• Compatible with 3.3V Microcontrollers
• Electrostatic discharge (ESD) Protection
General description
18-fold Low-Side Switch (0.35
Ω to 1 Ω) in Smart Power Technology (SPT) with a Serial Pe-
ripheral Interface (SPI) and 18 open drain DMOS output stages. The TLE6244X is protected
by embedded protection functions and designed for automotive and industrial applications.
The output stages are controlled via SPI Interface. Additionally 16 of the 18 channels can be
controlled direct in parallel for PWM applications. Therefore the TLE6244X is particularly
suitable for engine management and powertrain systems.
P-MQFM 64-10
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
GND
VS
SO
1
16
IN1
OUT1
OUT18
VBB
as Ch. 1
16
Protection
Functions
as Ch. 1
IN15
as Ch. 1
IN16
as Ch. 1
as Ch. 1
as Ch. 1
IN2
as Ch. 1
Ordering Code: Q67007-A9613


Similar Part No. - TLE6244X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
814Kb / 23P
Smart 16-fold Low-Side Switch
V3.1 26.Aug 2002
TLE6240GP INFINEON-TLE6240GP Datasheet
1Mb / 37P
Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
TLE6240GP INFINEON-TLE6240GP_10 Datasheet
1Mb / 37P
Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
More results

Similar Description - TLE6244X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
Smart Lowside Power Switch
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
Smart Lowside Power Switch
logo
Infineon Technologies A...
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
Smart Lowside Power Switch
2004-02-02
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
Smart Lowside Power Switch
2002-09-04
TLE8718SA INFINEON-TLE8718SA Datasheet
2Mb / 82P
Smart 18-Channel Lowside Switch with Micro Second Bus
Rev. 1.1, 2012-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com