Electronic Components Datasheet Search
  English  ▼

X  

TLE6263 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 32Page - Infineon Technologies AG TLE6263 Datasheet HTML 33Page - Infineon Technologies AG TLE6263 Datasheet HTML 34Page - Infineon Technologies AG TLE6263 Datasheet HTML 35Page - Infineon Technologies AG TLE6263 Datasheet HTML 36Page - Infineon Technologies AG TLE6263 Datasheet HTML 37Page - Infineon Technologies AG TLE6263 Datasheet HTML 38Page - Infineon Technologies AG TLE6263 Datasheet HTML 39Page - Infineon Technologies AG TLE6263 Datasheet HTML 40Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
37
2004-06-07
9
Application
Figure 15:
Application Circuit
+V
S
WK1
V
bat
GND
CANH
CANL
RTH
RTL
CAN
bus
DI
TLE 6263
68 µF
100 nF
GND
µP
DO
TxD
CSN
RO
V
CC
RxD
CLK
FSO
OUTHS
10 k
Ω
1 k
Ω
1 k
Ω
22 µF
e.g. C505C,
C164C
INT
SI
100 k
Ω
160 k
Ω
WK2
V
CI
100 nF
26
5
3
4
28
14
16
13
10
11
12
1
2
25
27
24
6 - 9;
20 - 23
18
17
15
19
100 nF
*)10nF
*) only for improvement refer to 6.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com