Electronic Components Datasheet Search
  English  ▼

X  

TLE6263 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG TLE6263 Datasheet HTML 29Page - Infineon Technologies AG TLE6263 Datasheet HTML 30Page - Infineon Technologies AG TLE6263 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
27
2004-06-07
Termination Outputs RTL, RTH
RTL to VCC switch-on
resistance
RRTL
40
95
Ω
Io =– 10 mA;
RTL to BAT switch series
resistance
RoRTL
515
30
k
Ω
VBAT-stand-by or
sleep mode
RTH to ground switch-on
resistance
RRTH
40
95
Ω
Io = 10 mA;
RTH output voltage
VoRTH
0.7
1.0
V
Io = 1 mA; sleep mode
or VBAT-stand-by
RTH pull-down current
IRTHpd
40
75
120
µA
failure cases 6 and 6a
RTL pull-up current
IRTLpu
-120
-75
-40
µA
failure cases 3, 3a, 5
and 7
RTH leakage current
IRTHl
-5
5
µA
VCC =0 V, VS =0 V,
VRTH =5 V, Tj <85°C
RTL leakage current
IRTLl
-5
5
µA
VCC =0 V, VS =0 V
VRTL = 13.5 V,
Tj <85°C
CAN-Transceiver
Dynamic Characteristics
CANH and CANL bus output
transition time recessive-to-
dominant
trd
0.61.2
2.1µs
10% to 90%;
C1 = 10 nF;
C2 = 0; R1 = 100 Ω
CANH and CANL bus output
transition time dominant-to-
recessive
tdr
0.30.6
1.3µs
10% to 90%;
C1 = 1 nF; C2 = 0; R1 =
100
Ω
Minimum dominant time for
wake-up on CANL or CANH
twu(min) 12
20
32
µs
Stand-by modes
7.3
Electrical Characteristics (cont’d)
VS = 13.5 V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj <150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com