Electronic Components Datasheet Search
  English  ▼

X  

TLE6263 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 19Page - Infineon Technologies AG TLE6263 Datasheet HTML 20Page - Infineon Technologies AG TLE6263 Datasheet HTML 21Page - Infineon Technologies AG TLE6263 Datasheet HTML 22Page - Infineon Technologies AG TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
23
2004-06-07
Watchdog Undercurrent
disable hysteresis
I
CCWDhys
0.5
mA
Watchdog Undercurrent
reaction time
t
LHR
8µs
Tj=25°C
Fail Safe Output; Pin FSO
Watchdog edge count
difference to set HIGH
nFS
4V
Fail Safe low output voltage
V
FS
0.2
0.4
V
IFSO= 1mA for
VCC = VRT or
IFSO = 200 µA for
VCC ≥ 1V
Fail Safe high output voltage
V
FS
4.0
V
CC+
0.1
V
IFSO= -1mA for
VCC ≥VRT
Sense Input (Early Warning) SI, VINT-Fail, Interrupt Output INT
Sense In threshold voltage
V
SI,th
2.12.3
2.5V
VSI decreasing until
INT transition to LOW
Sense In threshold
hysteresis
V
SI,hys
200
mV
Sense Input Current
I
SI
0.1
µA
VSI ≥ 0V
Sense reaction time
t
S,r
510
20
µs
VS < VS,th to INT = low
Interrupt Out high voltage
V
INThigh
0.7 x
VCC
–
VCC V
I0 = – 20 µA
Interrupt Out low voltage
V
INTlow
0–
0.9
V
I0 = 1.25 mA
Interrupt pull up current
I
INT
20
150
500
µA
VINT = 0V
VCC-Fail threshold voltage
V
VCC,th
2.32.8
3.1V
VCC-Fail reaction time
t
VCC,r
5µs
VCC < VVCC,th to
Obit 6 = low; Vbat-
stand-by mode
VINT-Fail threshold voltage
V
VINT,th
1.53.2
4.3V
proportional to VS
7.3
Electrical Characteristics (cont’d)
VS = 13.5 V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj <150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com