Electronic Components Datasheet Search
  English  ▼

X  

TLE6263 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 22Page - Infineon Technologies AG TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG TLE6263 Datasheet HTML 29Page - Infineon Technologies AG TLE6263 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
26
2004-06-07
CANL recessive output
voltage
VCANLr VCC
-0.2
V
TxD = VCC;
RRTL < 4 kΩ
CANH dominant output
voltage
VCANHd VCC
-1.4
VCC
-1.0
VCC V
TxD = 0 V;
ICANH = – 40 mA
CANL dominant output
voltage
VCANLd
1.0
1.4
V
TxD = 0 V;
ICANL = 40 mA
CANH output current
ICANH
-110
-80
-50
mA
VCANH = 0 V;
TxD = 0 V
-5
5
µA
sleep mode;
VCANH = 12 V
CANL output current
ICANL
50
80
110
mA
VCANL = 5 V;
TxD = 0 V
-5
5
µA
sleep mode;
VCANL = 0 V
Voltage detection threshold
for short-circuit to battery
voltage on CANH and CANL
Vdet(th)
6.57.3
8.0V
CANH wake-up voltage
threshold
VH,wk
1.21.9
2.7V
low power modes
CANL wake-up voltage
threshold
VL,wk
2.23.1
3.9V
low power modes
CANH single-ended receiver
threshold
VCANH
1.62.1
2.6V
failure cases 3, 5, 7
recessive to dominant
CANL single-ended receiver
threshold
VCANL
2.42.9
3.4V
failure case 6 and 6a
recessive to dominant
CANL leakage current
ICANLl
-5
5
µA
VCC =0 V, VS =0 V,
VCANL =13.5V
CANH leakage current
ICANHl
-5
5
µA
VCC =0 V, VS =0 V,
VCANH =5V
7.3
Electrical Characteristics (cont’d)
VS =13.5V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com