Electronic Components Datasheet Search
  English  ▼

X  

CLC412 Datasheet(PDF) 6 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 2Page - Texas Instruments CLC412 Datasheet HTML 3Page - Texas Instruments CLC412 Datasheet HTML 4Page - Texas Instruments CLC412 Datasheet HTML 5Page - Texas Instruments CLC412 Datasheet HTML 6Page - Texas Instruments CLC412 Datasheet HTML 7Page - Texas Instruments CLC412 Datasheet HTML 8Page - Texas Instruments CLC412 Datasheet HTML 9Page - Texas Instruments CLC412 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OBSOLETE
CLC412
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(TA = 25°C, VCC = ±5V, AV = ±2V/V, Rf = 634Ω, RL = 100Ω, Unless Specified).
Pulse Response
Pulse Crosstalk
Figure 8.
Figure 9.
Phase Linearity
Input-Referred Crosstalk
Figure 10.
Figure 11.
Short-Term Settling Time
Long-Term Settling Time
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com