Electronic Components Datasheet Search
  English  ▼

X  

CLC412 Datasheet(PDF) 17 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 12Page - Texas Instruments CLC412 Datasheet HTML 13Page - Texas Instruments CLC412 Datasheet HTML 14Page - Texas Instruments CLC412 Datasheet HTML 15Page - Texas Instruments CLC412 Datasheet HTML 16Page - Texas Instruments CLC412 Datasheet HTML 17Page - Texas Instruments CLC412 Datasheet HTML 18Page - Texas Instruments CLC412 Datasheet HTML 19Page - Texas Instruments CLC412 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
OBSOLETE
CLC412
www.ti.com
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
High Speed Instrumentation Amplifier
For applications requiring higher CMRR the composite circuit of Figure 43 uses the two amplifiers of the CLC412
to create balanced inputs for the CLC420 voltage-feedback op amp. The DC CMRR can be fine tuned through
the adjustment of Rb. Further improvement of CMRR over frequency can be achieved through the placement of
an RC network between the outputs (A and B) of the two amplifiers of the CLC412.
Figure 43.
Non-Inverting Current-Feedback Integrator
The circuit of Figure 44 achieves its high speed integration by placing one of the CLC412's amplifiers in the
feedback loop of the second amplifier configured as shown.
Figure 44.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: CLC412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com