Electronic Components Datasheet Search
  English  ▼

X  

CLC412 Datasheet(PDF) 12 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 8Page - Texas Instruments CLC412 Datasheet HTML 9Page - Texas Instruments CLC412 Datasheet HTML 10Page - Texas Instruments CLC412 Datasheet HTML 11Page - Texas Instruments CLC412 Datasheet HTML 12Page - Texas Instruments CLC412 Datasheet HTML 13Page - Texas Instruments CLC412 Datasheet HTML 14Page - Texas Instruments CLC412 Datasheet HTML 15Page - Texas Instruments CLC412 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
OBSOLETE
CLC412
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Figure 36. Rf vs. Inverting Gain (AJE & AJP)
Both plots show the value of Rf approaching a non-zero minimum (dashed line) at high gains, which is
characteristic of current-feedback op amps, while the linear portion of the two (solid) curves (i.e., -5 > AV > +6)
results from the limitation placed on Rg (i.e., Rg ≥ 50Ω). This limitation is due to the desire to keep Rg greater in
value than that of the inverting input resistance. Therefore, the resulting small-signal bandwidth curves, labeled
“BW”, correspond to the two (solid) “Rf” curves. These results may deviate from that produced by the analysis of
OA-13 since these plots were produced from an actual board layout that included parasitic capacitances not
accounted for by the analysis of OA-13. It should be noted that a non-inverting gain of +1V/V requires an Rf =
1k
Ω and the output voltage used for both plots is 2VPP.
In order to bandlimit the CLC412 at any particular gain setting, a larger value of Rf (than previously
recommended in the plots above) is needed. Following the analysis in OA-13, we find the CLC412's “optimum
feedback transimpedance”, Zt*, below.
(1)
The “optimum feedback transimpedance” is unique for each current-feedback op amp and determines the
recommended value of Rf for a particular gain setting. Drawing a horizontal line on the “Open-loop
Transimpedance, Z(s)” plot from 57.5dB (on the left vertical axis), we find the intersection with the
transimpedance magnitude trace occurs at a frequency of 180MHz. This frequency is only an approximation of
the CLC412's small-signal bandwidth. From this intersection, one can see that an increase in Zt will produce a
new intersection occurring at a lower frequency. This is the process to follow when bandlimiting. Once the target
small-signal bandwidth is determined, the new value of Zt is picked off the graph at the point where this
frequency and the transimpedance magnitude trace intersect. One can then back track to figure the value of the
feedback resistor, Rf = Zt − Rin (1 + Rf/Rg). This new value of Rf will produce the desired frequency roll-off.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com