Electronic Components Datasheet Search
  English  ▼

X  

CLC412 Datasheet(PDF) 11 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 7Page - Texas Instruments CLC412 Datasheet HTML 8Page - Texas Instruments CLC412 Datasheet HTML 9Page - Texas Instruments CLC412 Datasheet HTML 10Page - Texas Instruments CLC412 Datasheet HTML 11Page - Texas Instruments CLC412 Datasheet HTML 12Page - Texas Instruments CLC412 Datasheet HTML 13Page - Texas Instruments CLC412 Datasheet HTML 14Page - Texas Instruments CLC412 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OBSOLETE
CLC412
www.ti.com
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
Figure 34. Frequency Response vs. Rf
The plot above (Figure 34), labeled “Frequency Response vs. Rf” shows the CLC412's frequency and phase
response as Rf is varied while the gain remains constant at +2V/V (RL = 100Ω). This plot shows that one
particular value of Rf will optimize the frequency and phase response at the specified gain setting, i.e. 634Ω at a
gain of +2V/V. Current-feedback op amps, unlike voltage-feedback op amps, have a direct relationship between
their frequency and phase response to the value of the feedback resistor, Rf. For more information see
Application Note OA-13 which describes the relationship between Rf and closed-loop frequency response.
When configuring the CLC412 for other inverting or non-inverting gains, it is necessary to adjust the value of the
feedback resistor in order to optimize the device's frequency and phase response. The two plots below provide
the means of selecting the recommended feedback resistor value for both inverting and non-inverting gain
selections.
Figure 35. Rf vs. Non-Inverting Gain (AJE & AJP)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CLC412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com