Electronic Components Datasheet Search
  English  ▼

X  

CLC412 Datasheet(PDF) 14 Page - Texas Instruments

Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC412 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CLC412 Datasheet HTML 10Page - Texas Instruments CLC412 Datasheet HTML 11Page - Texas Instruments CLC412 Datasheet HTML 12Page - Texas Instruments CLC412 Datasheet HTML 13Page - Texas Instruments CLC412 Datasheet HTML 14Page - Texas Instruments CLC412 Datasheet HTML 15Page - Texas Instruments CLC412 Datasheet HTML 16Page - Texas Instruments CLC412 Datasheet HTML 17Page - Texas Instruments CLC412 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OBSOLETE
CLC412
SNOS833D – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Figure 38.
The measurements were performed with SMT components using the recommended value of feedback resistor of
634
Ω at a gain of +2V/V. The pulse response plot labeled “Pulse Matching” found below shows the group delay
matching between amplifiers of the CLC412. The circuit topology is described in Figure 38.
Figure 39. Large Signal Pulse Response
The CLC412's amplifiers, built on the same die, provide the advantage of having tightly matched DC
characteristics. The typical DC matching specifications of the CLC412 are:
ΔVio = ±0.60mV, Δlbn = ±0.25µA, Δlbi = ±1.5µA.
Slew Rate and Settling Time
One of the advantages of current-feedback topology is an inherently high slew rate which produces a wider full
power bandwidth. The CLC412 has a typical slew rate of 1300V/µs. The required slew rate for a design can be
calculated by the following equation:
SR = 2
πfVpk
(2)
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com