Electronic Components Datasheet Search
  English  ▼

X  

S2060 Datasheet(PDF) 18 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 18 Page - Applied Micro Circuits Corporation

Back Button S2060 Datasheet HTML 14Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 15Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 16Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 17Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 18Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 19Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 20Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 21Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 22Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
OTHER OPERATING MODES
Loopback Mode
The S2060 supports internal loopback mode in
which the serial data from the transmitter replaces
external serial data. The loopback function is en-
abled when the loopback enable signal, EWRAP, is
set ACTIVE.
The loopback mode provides the ability to perform
system diagnostics and to perform off-line testing of
the interface to guarantee the integrity of the serial
channel before enabling the transmission medium.
Figure 13 shows the basic loopback operation.
output
disabled
CRU
CSU
Figure 13. Loopback Operation
Figure 12. Receiver Timing Half Rate Mode (RATEN Inactive)
Table 9. S2060 Receiver Timing
RBC1
SERIAL DATA IN
RX[9-0]
T3 T4
COMMA
T3 T4
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dn
i
Mx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
T
3
)
0
C
B
R
(
1
C
B
R
e
r
o
f
e
b
d
il
a
v
a
t
a
D0
.
3-
s
n.
1
e
t
o
N
e
e
S
T
4
)
0
C
B
R
(
1
C
B
R
r
e
t
f
a
d
il
a
v
a
t
a
D0
.
2-
s
n
T
R
C
R
T
,
F
C
R
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
0
C
B
R
,
1
C
B
R-
4
.
2s
n.
V
0
.
2
+
o
t
V
8
.
+
d
e
r
u
s
a
e
M
w
e
k
Sw
e
k
S
0
C
B
R
o
t
1
C
B
R5
.
75
.
8s
n.
e
g
d
e
g
n
i
s
i
r
o
t
e
g
d
e
g
n
i
s
i
R
T
R
D
T
,
F
D
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
t
u
O
a
t
a
D-
4
.
2s
n.
V
0
.
2
+
o
t
V
8
.
+
d
e
r
u
s
a
e
M
T
K
C
O
L
)
p
u
t
r
a
t
s
()
G
5
2
.
1
(
e
m
i
t
k
c
o
l
n
o
i
s
i
u
q
c
a
p
u
t
r
a
t
S-
5
.
2s
µ
T
K
C
O
L
)
e
r
i
u
q
c
a
e
r
(
)
G
5
2
.
1
(
e
m
i
T
k
c
o
L
n
o
i
t
i
s
i
u
q
c
A
a
t
a
D
-0
0
1s
n
e
e
s
(
e
y
e
a
t
a
d
t
u
p
n
i
%
0
9
.
)
9
1
e
r
u
g
i
F
-0
5
2s
n.
e
y
e
a
t
a
d
t
u
p
n
i
%
4
2
e
l
c
y
C
y
t
u
D)
0
C
B
R
(
1
C
B
R0
40
6%
T
J
e
c
n
a
r
e
l
o
T
r
e
t
t
i
J
t
u
p
n
I
l
a
t
o
T9
9
5-
s
p.
z
3
.
2
0
8
E
E
E
I
n
i
d
e
i
f
i
c
e
p
s
s
A
T
J
D
e
c
n
a
r
e
l
o
T
r
e
t
t
i
J
t
u
p
n
I
c
i
t
s
i
n
i
m
r
e
t
e
D0
7
3-
s
p.
z
3
.
2
0
8
E
E
E
I
n
i
d
e
i
f
i
c
e
p
s
s
A
1. All AC measurements are made from the reference voltage level of the clock (+1.4 V) to the valid input or output data
levels (+.8 V or +2.0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com