Electronic Components Datasheet Search
  English  ▼

X  

S2060 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  S2060 Datasheet HTML 1Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
S2060 OVERVIEW
The S2060 transmitter and receiver provide serial-
ization and deserialization functions for block en-
coded data to implement a Gigabit Ethernet
interface. The S2060 functional block diagram is de-
picted in Figure 2. The sequence of operations is as
follows:
Transmitter
1.10-bit parallel input
2. Parallel-to-serial conversion
3. Serial output
Receiver
1. Clock and data recovery from serial input
2. Serial-to-parallel conversion
3. Frame detection
4. 10-bit parallel output
The 10-bit parallel data input to the S2060 should be
from a DC-balanced encoding scheme, such as the
8B/10B transmission code, in which information to be
transmitted is encoded 8 bits at a time into 10-bit trans-
mission characters1. For reference, Table 1 shows the
mapping of the parallel data to the 8B/10B codes.
Loop Back
Local loopback provides a capability for performing
off-line testing. This is useful for ensuring the integ-
rity of the serial channel before enabling the trans-
mission medium. It also allows for system
diagnostics.
Figure 2. Functional Block Diagram
e
t
y
B
a
t
a
D
]
9
:
0
[
X
R
r
o
]
9
:
0
[
X
T
0123456789
B
0
1
/
B
8
n
o
it
a
t
n
e
s
e
r
p
e
R
c
it
e
b
a
h
p
l
A
a
b
c
d
ei
f
g
hj
Table 1. Data Mapping to 8B/10B
Alphabetic Representation
1. A.X. Widmer and P.A. Franaszek, "A Byte Oriented DC Bal-
anced (0,4) 8B/10B Transmission Code," IBM Research Report
RC 9391, May 1982.
FIFO
(4 x 10)
Shift
Register
10
10
PLL Clock
Recovery w/
lock detect
Shift
Register
D
Control
Logic
COMMA
Detect
Logic
DQ
10
TX[0:9]
TBC
RXP
RXN
EWRAP
-LCK_REF
EN_CDET
RBC0
RBC1
COM_DET
RX[0:9]
TXN
TXP
S2060
RATEN
2:1
PLL Clock
Multiplier w/
lock detect
F0 = F1 x 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com