Electronic Components Datasheet Search
  English  ▼

X  

S2060 Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button S2060 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 9Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
Table 5. Pin Description and Assignment
e
m
a
N
n
i
Pl
e
v
e
LO
/
I#
n
i
Pn
o
i
t
p
i
r
c
s
e
D
]
9
[
X
T
]
8
[
X
T
]
7
[
X
T
]
6
[
X
T
]
5
[
X
T
]
4
[
X
T
]
3
[
X
T
]
2
[
X
T
]
1
[
X
T
]
0
[
X
T
L
T
T
V
LI
3
1
2
1
1
1
9
8
7
6
4
3
2
e
h
t
n
o
n
i
d
e
k
c
o
l
c
s
i
s
u
b
s
i
h
t
n
o
a
t
a
d
l
e
ll
a
r
a
P
.
a
t
a
D
t
i
m
s
n
a
r
T
.
t
s
r
i
f
d
e
t
t
i
m
s
n
a
r
t
s
i
]
0
[
X
T
.
C
B
T
f
o
e
g
d
e
g
n
i
s
i
r
C
B
TL
T
T
V
LI
2
2k
c
o
l
c
L
L
P
e
h
t
o
t
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
R
.
k
c
o
l
C
e
t
y
B
t
i
m
s
n
a
r
T
.
0
1
y
b
d
e
d
i
v
i
d
e
t
a
r
t
i
b
e
h
t
s
i
C
B
T
f
o
y
c
n
e
u
q
e
r
f
e
h
T
.
r
e
il
p
i
t
l
u
m
o
t
k
c
o
l
c
O
C
V
e
h
t
s
e
c
a
l
p
e
r
C
B
T
,
e
v
i
t
c
a
s
i
N
E
T
S
E
T
n
e
h
W
l
a
t
s
y
r
c
a
y
b
d
e
i
l
p
p
u
s
e
b
d
l
u
o
h
s
C
B
T
.
t
s
e
t
y
r
o
t
c
a
f
e
t
a
t
i
l
i
c
a
f
o
t
s
e
t
a
l
s
n
a
r
t
y
l
t
c
e
r
i
d
e
n
il
s
i
h
t
n
o
r
e
t
t
ij
e
c
n
i
s
e
c
n
e
r
e
f
e
r
d
e
ll
o
r
t
n
o
c
.
a
t
a
d
t
u
p
t
u
o
e
h
t
n
o
r
e
t
t
ij
N
E
T
A
RL
T
T
V
LI
4
1e
h
t
r
o
f
s
'
L
L
P
e
h
t
s
e
r
u
g
i
f
n
o
c
l
a
n
g
i
s
s
i
h
T
.
w
o
L
e
v
i
t
c
A
.
t
c
e
l
e
S
e
t
a
R
2
/
1
n
i
s
i
e
c
i
v
e
d
e
h
t
,
e
v
i
t
c
a
n
i
n
e
h
W
.
y
c
n
e
u
q
e
r
f
C
B
T
e
t
a
i
r
p
o
r
p
p
a
.
e
d
o
m
e
t
a
r
l
l
u
f
n
i
s
i
e
c
i
v
e
d
e
h
t
,
e
v
i
t
c
a
n
e
h
W
.
e
d
o
m
e
t
a
r
.
4
d
n
a
2
s
e
l
b
a
T
e
e
S
T
E
D
C
_
N
EL
T
T
V
LI
4
2s
e
l
b
a
n
e
,
e
v
i
t
c
a
n
e
h
W
.
h
g
i
H
e
v
i
t
c
A
.
t
c
e
t
e
D
a
m
m
o
C
e
l
b
a
n
E
e
m
a
r
f
d
r
o
w
e
h
t
t
e
s
o
t
n
r
e
t
t
a
p
c
n
y
s
A
M
M
O
C
e
h
t
f
o
n
o
i
t
c
e
t
e
d
d
e
t
a
e
r
t
s
i
a
t
a
d
,
e
v
i
t
c
a
n
i
n
e
h
W
.
w
o
ll
o
f
o
t
a
t
a
d
e
h
t
r
o
f
y
r
a
d
n
u
o
b
.
d
e
m
a
r
f
n
u
s
a
P
A
R
W
EL
T
T
V
LI
9
1s
t
u
p
t
u
o
a
t
a
d
l
a
i
r
e
s
r
e
t
t
i
m
s
n
a
r
t
e
h
t
,
e
v
i
t
c
a
n
e
h
W
.
p
a
r
W
e
l
b
a
n
E
e
r
a
N
/
P
X
T
.
s
t
u
p
n
i
a
t
a
d
l
a
i
r
e
s
r
e
v
i
e
c
e
r
e
h
t
o
t
d
e
t
u
o
r
y
ll
a
n
r
e
t
n
i
e
r
a
l
a
i
r
e
s
N
/
P
X
R
e
h
t
,
e
v
i
t
c
a
n
i
n
e
h
W
.
e
t
a
t
s
s
i
h
t
n
i
)
1
c
i
g
o
l
(
c
i
t
a
t
s
.
)
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
(
d
e
t
c
e
l
e
s
e
r
a
s
t
u
p
n
i
P
X
R
N
X
R
.
f
f
i
D
L
C
E
P
V
L
I4
5
2
5
a
t
a
D
l
a
i
r
e
S
e
v
i
e
c
e
R
L
C
E
P
V
L
)
.
d
e
l
p
u
o
C
y
l
e
v
i
t
i
c
a
p
a
C
y
ll
a
n
r
e
t
x
E
(
.
e
v
i
t
a
g
e
n
s
i
N
X
R
,
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
v
i
t
i
s
o
p
e
h
t
s
i
P
X
R
.
s
t
u
p
n
I
.
V
3
.
1
-
C
C
V
o
t
d
e
s
a
i
b
y
ll
a
n
r
e
t
n
I
F
E
R
_
K
C
L
-L
T
T
V
LI
7
2e
h
t
,
n
e
p
o
r
o
e
v
i
t
c
a
n
i
n
e
h
W
.
t
u
p
n
I
e
c
n
e
r
e
f
e
R
o
t
k
c
o
L
.
w
o
L
e
v
i
t
c
A
.
)
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
(
a
t
a
d
g
n
i
m
o
c
n
i
e
h
t
o
t
k
c
o
l
ll
i
w
L
L
P
e
v
i
e
c
e
r
.
t
u
p
n
i
C
B
T
e
h
t
o
t
k
c
o
l
o
t
d
e
c
r
o
f
s
i
L
L
P
e
v
i
e
c
e
r
e
h
t
,
e
v
i
t
c
a
n
e
h
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com