Electronic Components Datasheet Search
  English  ▼

X  

S2060 Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button S2060 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 9Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 10Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
Note: All TTL inputs have internal 15 K
Ω pull-up networks.
e
m
a
N
n
i
Pl
e
v
e
LO
/
I#
n
i
Pn
o
i
t
p
i
r
c
s
e
D
]
9
[
X
R
]
8
[
X
R
]
7
[
X
R
]
6
[
X
R
]
5
[
X
R
]
4
[
X
R
]
3
[
X
R
]
2
[
X
R
]
1
[
X
R
]
0
[
X
R
L
T
T
V
LO
4
3
5
3
6
3
8
3
9
3
0
4
1
4
3
4
4
4
5
4
s
u
b
s
i
h
t
n
o
a
t
a
d
l
e
ll
a
r
a
p
,
t
u
p
t
u
o
e
t
a
r
ll
u
f
r
o
F
.
s
t
u
p
t
u
O
a
t
a
D
e
v
i
e
c
e
R
t
s
r
i
f
e
h
t
s
i
]
0
[
X
R
.
1
C
B
R
d
n
a
0
C
B
R
f
o
s
e
g
d
e
g
n
i
s
i
r
e
h
t
n
o
d
il
a
v
s
i
.
d
e
v
i
e
c
e
r
t
i
b
1
C
B
R
0
C
B
R
L
T
T
V
LO
0
3
1
3
l
e
ll
a
r
a
p
,
e
d
o
m
e
t
a
r
ll
u
f
n
I
.
s
k
c
o
l
C
e
t
y
B
e
v
i
e
c
e
R
y
r
a
t
n
e
m
e
l
p
m
o
C
e
e
s
(
1
C
B
R
d
n
a
0
C
B
R
f
o
s
e
g
d
e
g
n
i
s
i
r
e
h
t
n
o
d
il
a
v
s
i
a
t
a
d
e
v
i
e
c
e
r
e
h
t
n
o
d
il
a
v
s
i
a
t
a
d
t
u
p
t
u
o
,
e
t
a
r
f
l
a
h
r
o
F
.
)
m
a
r
g
a
i
d
g
n
i
m
i
t
,
8
e
r
u
g
i
F
.
4
e
l
b
a
T
e
e
S
.
1
C
B
R
f
o
e
g
d
e
g
n
i
s
i
r
T
E
D
_
M
O
CL
T
T
V
LO
7
4,
e
v
i
t
c
a
s
i
T
E
D
C
_
N
E
n
e
h
W
.
h
g
i
H
e
v
i
t
c
A
.
t
c
e
t
e
D
a
m
m
o
C
e
h
t
n
o
t
n
e
s
e
r
p
s
i
r
e
t
c
a
r
a
h
c
c
n
y
s
e
h
t
t
a
h
t
s
e
t
a
c
i
d
n
i
T
E
D
_
M
O
C
c
n
y
s
A
M
M
O
C
e
h
t
f
o
n
o
i
t
c
e
t
e
d
n
o
p
U
.
]
9
:
0
[
X
R
s
t
i
b
s
u
b
l
e
ll
a
r
a
p
d
il
a
v
s
i
a
t
a
d
t
u
p
t
u
o
s
i
h
t
)
y
t
i
r
a
l
o
p
e
v
i
t
i
s
o
p
x
x
x
1
1
1
1
1
0
0
(
r
e
t
c
a
r
a
h
c
k
c
o
l
c
1
C
B
R
e
n
o
r
o
f
e
v
i
t
c
a
s
n
i
a
m
e
r
d
n
a
1
C
B
R
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
n
o
e
v
i
t
c
a
n
i
d
l
e
h
s
i
T
E
D
_
M
O
C
,
e
v
i
t
c
a
n
i
s
i
T
E
D
C
_
N
E
n
e
h
W
.
d
o
i
r
e
p
e
h
t
,
t
u
p
n
i
T
E
D
C
_
N
E
e
h
t
f
o
e
t
a
t
s
f
o
e
g
n
a
h
c
n
o
p
U
.
)
0
c
i
g
o
l
(
3
f
o
m
u
m
i
x
a
m
a
y
b
d
e
y
a
l
e
d
e
b
ll
i
w
e
s
n
o
p
s
e
r
t
u
p
t
u
o
T
E
D
_
M
O
C
.
s
e
m
i
t
e
t
y
b
P
X
T
N
X
T
.
f
f
i
D
L
C
E
P
V
L
O2
6
1
6
P
X
T
,
H
G
I
H
N
X
T
(
c
i
t
a
t
s
e
r
a
s
e
n
i
l
e
s
e
h
T
.
a
t
a
D
l
a
i
r
e
S
t
i
m
s
n
a
r
T
,
H
G
I
H
N
X
T
(
c
i
t
a
t
s
e
r
a
s
e
n
il
e
s
e
h
T
.
e
v
i
t
c
a
s
i
P
A
R
W
E
n
e
h
w
)
H
G
I
H
e
r
a
s
t
u
p
t
u
o
e
s
e
h
t
,
p
u
t
r
a
t
s
n
o
p
U
.
e
v
i
t
c
a
s
i
T
S
R
X
T
n
e
h
w
)
W
O
L
P
X
T
o
t
d
e
k
c
o
l
s
a
h
L
L
P
X
T
e
h
t
li
t
n
u
)
W
O
L
P
X
T
,
H
G
I
H
N
X
T
(
c
i
t
a
t
s
d
l
e
h
0
5
1
e
v
i
r
d
n
a
c
t
u
p
t
u
o
h
c
a
E
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
e
h
t
Ω
.
d
n
u
o
r
g
o
t
s
n
i
P
c
i
f
i
c
e
p
S
D
0
6
0
2
S
,
B
0
6
0
2
S
,
A
0
6
0
2
S
C
N
D,
7
1
,
6
1
9
4
,
8
4
e
b
t
s
u
m
t
I
.
h
g
i
h
d
e
i
t
e
b
t
o
n
n
a
c
8
4
n
i
p
t
a
h
t
e
t
o
N
.
d
e
t
c
e
n
n
o
c
t
o
N
.
w
o
l
d
l
e
h
r
o
n
e
p
o
s
n
i
P
c
i
f
i
c
e
p
S
C
0
6
0
2
S
1
C
T
0
C
T
6
1
7
1
r
e
t
t
i
m
s
n
a
r
t
r
o
f
s
n
o
i
t
c
e
n
n
o
c
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
E
.
r
o
t
i
c
a
p
a
C
t
i
m
s
n
a
r
T
l
a
n
r
e
t
x
e
s
i
h
t
f
o
e
u
l
a
v
d
e
d
n
e
m
m
o
c
e
r
e
h
T
.
r
e
t
l
i
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
,
d
e
r
i
s
e
d
f
I
.
)
d
e
s
u
e
b
o
s
l
a
n
a
c
F
n
1
f
o
e
u
l
a
v
a
(
F
n
2
s
i
r
o
t
i
c
a
p
a
c
.
e
c
n
a
m
r
o
f
r
e
p
n
i
s
s
o
l
o
n
h
t
i
w
d
e
t
t
i
m
o
e
b
y
a
m
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
0
C
R
1
C
R
8
4
9
4
r
e
v
i
e
c
e
r
r
o
f
s
n
o
i
t
c
e
n
n
o
c
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
E
.
r
o
t
i
c
a
p
a
C
r
e
v
i
e
c
e
R
l
a
n
r
e
t
x
e
s
i
h
t
f
o
e
u
l
a
v
d
e
d
n
e
m
m
o
c
e
r
e
h
T
.
r
e
t
l
i
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
,
d
e
r
i
s
e
d
f
I
.
)
d
e
s
u
e
b
o
s
l
a
n
a
c
F
n
1
f
o
e
u
l
a
v
a
(
F
n
2
s
i
r
o
t
i
c
a
p
a
c
.
e
c
n
a
m
r
o
f
r
e
p
n
i
s
s
o
l
o
n
h
t
i
w
d
e
t
t
i
m
o
e
b
y
a
m
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
s
a
(
n
e
p
o
e
b
t
s
u
m
t
I
.
h
g
i
h
d
e
i
t
e
b
t
o
n
n
a
c
8
4
n
i
p
t
a
h
t
e
t
o
N
.
w
o
l
d
l
e
h
r
o
)
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
h
t
i
w
d
e
d
n
e
m
m
o
c
e
r
Table 5. Pin Description and Assignment (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com