Electronic Components Datasheet Search
  English  ▼

X  

S2060 Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # S2060
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060 Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  S2060 Datasheet HTML 1Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
The COM_DET output signal is ACTIVE whenever
EN_CDET is active and the COMMA control charac-
ter is present on the RX[0:9] parallel data outputs.
The COM_DET output signal will be INACTIVE at all
other times.
Parallel Output Clock Rate and Data Stretching
The S2060 supports both full rate and half rate out-
puts, selected via the RATEN input. Table 4 shows
the operating rate scenarios. When RATEN is INAC-
TIVE, a data clock is provided on RBC1 at the data
rate. Data should be clocked on the rising edge of
RBC1. When RATEN is ACTIVE the device is in full
rate mode, and complementary TTL clocks are pro-
vided on the RBC0 and RBC1 outputs at 1/2 the
data rate as required by the Gigabit Ethernet Stan-
dard. Data is clocked on the rising edges of both
RBC0 and RBC1. See Figures 11 and 12.
N
E
T
A
R
t
u
p
n
I
l
a
i
r
e
S
)
s
p
b
G
(
e
t
a
R)
s
p
b
G
(
e
t
a
R
)
s
p
b
G
(
e
t
a
R
)
s
p
b
G
(
e
t
a
R)
s
p
b
G
(
e
t
a
R
0
C
B
R
)
z
H
M
()
z
H
M
(
)
z
H
M
(
)
z
H
M
()
z
H
M
(
1
B
C
R
)
z
H
M
()
z
H
M
(
)
z
H
M
(
)
z
H
M
()
z
H
M
(
l
e
l
l
a
r
a
P
e
t
a
R
t
u
p
t
u
Oe
t
a
R
t
u
p
t
u
O
e
t
a
R
t
u
p
t
u
O
e
t
a
R
t
u
p
t
u
Oe
t
a
R
t
u
p
t
u
O
)
s
p
b
M
()
s
p
b
M
(
)
s
p
b
M
(
)
s
p
b
M
()
s
p
b
M
(
05
2
.
15
.
2
65
.
2
65
2
1
15
2
6
.A
/
N5
.
2
65
.
2
6
Table 4. Operating Rates
Fibre Channel and Gigabit Ethernet Standards re-
quire that the COMMA sync character appears on
the rising edge of the RBC1 signal. In full rate mode
the phase of the data is adjusted such that this re-
quirement is met. No alignment is necessary when
the S2060 is operating in half rate mode since the
output clock frequency is equal to the parallel word
rate (RATEN INACTIVE).
In ethernet applications it is illegal for multiple con-
secutive COMMA characters to be generated. How-
ever, multiple consecutive COMMA characters can
occur in serial backplane applications. The S2060 is
able to operate properly when multiple consecutive
COMMA characters are received: after the first
COMMA is detected and aligned, the RBC0/RBC1
clock operates without glitches or loss of cycles.
Additionally, COM_DET stays high while multiple
COMMAS are being output.
Receive Latency
The average receive latency is 8 byte times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com