Electronic Components Datasheet Search
  English  ▼

X  

ADG5436F Datasheet(PDF) 16 Page - Analog Devices

Part # ADG5436F
Description  Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5436F Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG5436F Datasheet HTML 12Page - Analog Devices ADG5436F Datasheet HTML 13Page - Analog Devices ADG5436F Datasheet HTML 14Page - Analog Devices ADG5436F Datasheet HTML 15Page - Analog Devices ADG5436F Datasheet HTML 16Page - Analog Devices ADG5436F Datasheet HTML 17Page - Analog Devices ADG5436F Datasheet HTML 18Page - Analog Devices ADG5436F Datasheet HTML 19Page - Analog Devices ADG5436F Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ADG5436F
Data Sheet
Rev. B | Page 16 of 30
Figure 10. RON as a Function of VS and VD for Different Temperatures,
36 V Single Supply
Figure 11. Leakage Current vs. Temperature, ±15 V Dual Supply
Figure 12. Leakage Current vs. Temperature, ±20 V Dual Supply
Figure 13. Leakage Current vs. Temperature, 12 V Single Supply
Figure 14. Overvoltage Leakage Current vs. Temperature, ±15 V Dual Supply
Figure 15. Overvoltage Leakage Current vs. Temperature, ±20 V Dual Supply
40
30
20
35
25
15
10
5
0
0
4
8
12
20
28
36
16
24
32
VS, VD (V)
VDD = 36V
VSS = 0V
+125°C
+85°C
+25°C
–40°C
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0
20
40
60
80
100
120
TEMPERATURE (°C)
IS (OFF) +-
ID (OFF) +–
IS (OFF) –+
ID (OFF) –+
IS, ID (ON)++
IS, ID (ON) ––
VDD = +15V
VSS = –15V
VS = VD = +10V, –10V
0
20
40
60
80
100
120
TEMPERATURE (°C)
IS (OFF) +-
ID (OFF) +–
IS (OFF) –+
ID (OFF) –+
IS, ID (ON)++
IS, ID (ON) ––
–10
–8
–6
–4
–2
0
2
VDD = +20V
VSS = –20V
VS = VD = +15V, –15V
0
20
40
60
80
100
120
TEMPERATURE (°C)
IS (OFF) +-
ID (OFF) +–
IS (OFF) –+
ID (OFF) –+
IS, ID (ON)++
IS, ID (ON) ––
VDD = +12V
VSS = 0V
VS = VD = +1V, –10V
–6
–4
–2
0
2
5
–20
–15
–10
–5
0
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VS = –30V
VS = +30V
VS = –55V
VS = +55V
5
–25
–20
–15
–10
–5
0
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +20V
VSS = –20V
VS = –30V
VS = +30V
VS = –55V
VS = +55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com