Electronic Components Datasheet Search
  English  ▼

X  

ADG5436F Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5436F
Description  Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5436F Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5436F Datasheet HTML 15Page - Analog Devices ADG5436F Datasheet HTML 16Page - Analog Devices ADG5436F Datasheet HTML 17Page - Analog Devices ADG5436F Datasheet HTML 18Page - Analog Devices ADG5436F Datasheet HTML 19Page - Analog Devices ADG5436F Datasheet HTML 20Page - Analog Devices ADG5436F Datasheet HTML 21Page - Analog Devices ADG5436F Datasheet HTML 22Page - Analog Devices ADG5436F Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
ADG5436F
Rev. B | Page 19 of 30
Figure 28. Drain Output Response to Negative Overvoltage
(DR Pin = Floating or High)
Figure 29. Large Signal Voltage Tracking vs. Frequency
CH1 5.00V
CH3 5.00V
CH2 5.00V
M400ns
A CH2
–14.7V
1
DRAIN
SOURCE
VSS
T
–10.00ns
24
20
16
12
8
4
0
100
10
1
FREQUENCY (MHz)
DISTORTIONLESS
OPERATING
REGION
TA = 25°C
VDD = +10V
VSS = –10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com