Electronic Components Datasheet Search
  English  ▼

X  

ADG5436F Datasheet(PDF) 29 Page - Analog Devices

Part # ADG5436F
Description  Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5436F Datasheet(HTML) 29 Page - Analog Devices

Back Button ADG5436F Datasheet HTML 22Page - Analog Devices ADG5436F Datasheet HTML 23Page - Analog Devices ADG5436F Datasheet HTML 24Page - Analog Devices ADG5436F Datasheet HTML 25Page - Analog Devices ADG5436F Datasheet HTML 26Page - Analog Devices ADG5436F Datasheet HTML 27Page - Analog Devices ADG5436F Datasheet HTML 28Page - Analog Devices ADG5436F Datasheet HTML 29Page - Analog Devices ADG5436F Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
ADG5436F
Rev. B | Page 29 of 30
INTELLIGENT FAULT DETECTION
The ADG5436F digital output pin, FF, can interface with a
microprocessor or control system and can be used as an
interrupt flag. This feature provides real-time diagnostic
information on the state of the device and the system to
which it connects.
The control system can use the digital interrupt, FF, to start a
variety of actions, as follows:
•
Initiating an investigation into the source of an overvoltage
fault.
•
Shutting down critical systems in response to the overvoltage
condition.
•
Using data recorders to mark data during these events as
unreliable or out of specification.
For systems sensitive during a start-up sequence, the active low
operation of the flag allows the system to ensure that the
ADG5436F is powered on and that all input voltages are within
the normal operating range before initiating operation.
The FF pin is a weak pull-up, which allows the signals to
combine into a single interrupt for larger modules that contain
multiple devices.
The recovery time, tDIGREC, can be decreased from a typical 60 µs
to 600 ns by using a 1 kΩ pull-up resistor.
The specific fault digital output, SF decodes which inputs are
experiencing a fault condition. The SF pin reduces to below
0.8 V when a fault condition is detected on a specific pin,
depending on the state of F1 and F2 (see Table 9). The specific
fault feature also works with the switches disabled (EN pin low),
which allows the user to cycle through and check the fault
conditions without connecting the fault to the drain output.
LARGE VOLTAGE, HIGH FREQUENCY SIGNALS
Figure 29 shows the voltage range and frequencies that the
ADG5436F can reliably convey. For signals extending across the
full signal range from VSS to VDD, keep the frequency below 3 MHz.
If the required frequency is greater than 3 MHz, decrease the signal
range appropriately to ensure signal integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com