Electronic Components Datasheet Search
  English  ▼

X  

ADG5436F Datasheet(PDF) 18 Page - Analog Devices

Part # ADG5436F
Description  Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5436F Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG5436F Datasheet HTML 14Page - Analog Devices ADG5436F Datasheet HTML 15Page - Analog Devices ADG5436F Datasheet HTML 16Page - Analog Devices ADG5436F Datasheet HTML 17Page - Analog Devices ADG5436F Datasheet HTML 18Page - Analog Devices ADG5436F Datasheet HTML 19Page - Analog Devices ADG5436F Datasheet HTML 20Page - Analog Devices ADG5436F Datasheet HTML 21Page - Analog Devices ADG5436F Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ADG5436F
Data Sheet
Rev. B | Page 18 of 30
Figure 22. ACPSRR vs. Frequency
Figure 23. THD + N vs. Frequency
Figure 24. Bandwidth vs. Frequency
Figure 25. tTRANSITION vs. Temperature
Figure 26. Threshold Voltage (VT) vs. Temperature
Figure 27. Drain Output Response to Positive Overvoltage
(DR Pin = Floating or High)
–100
–900
–800
–700
–600
–500
–400
–300
–200
–100
0
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
WITH DECOUPLING CAPACITORS
0
0.005
0.010
0.015
0.020
0
5
10
15
20
FREQUENCY (kHz)
VDD = +12V, VSS = 0V, VS = 6V p-p
VDD = +36V, VSS = 0V, VS = 18V p-p
VDD = +15V, VSS = –15V, VS = 15V p-p
VDD = +20V, VSS = –20V, VS = 20V p-p
LOAD = 10kΩ
TA = 25°C
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
420
430
440
450
460
470
480
490
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = +12V, VSS = 0V
VDD = +36V, VSS = 0V
VDD = +15V, VSS = –15V
VDD = +20V, VSS = –20V
0.9
0.8
0.7
0.6
0.5
0
120
100
80
60
40
20
–20
–40
TEMPERATURE (°C)
CH1 5.00V
CH3 5.00V
CH2 5.00V
M400ns
A CH2
10.1V
T
–10.00ns
2
T
DRAIN
SOURCE
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com