Electronic Components Datasheet Search
  English  ▼

X  

XR2206CP Datasheet(PDF) 3 Page - Exar Corporation

Part # XR2206CP
Description  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP Datasheet(HTML) 3 Page - Exar Corporation

  XR2206CP Datasheet HTML 1Page - Exar Corporation XR2206CP Datasheet HTML 2Page - Exar Corporation XR2206CP Datasheet HTML 3Page - Exar Corporation XR2206CP Datasheet HTML 4Page - Exar Corporation XR2206CP Datasheet HTML 5Page - Exar Corporation XR2206CP Datasheet HTML 6Page - Exar Corporation XR2206CP Datasheet HTML 7Page - Exar Corporation XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XR-2206
3
Rev. 1.03
16 Lead PDIP, CDIP (0.300”)
SYMA2
SYMA1
WAVEA2
WAVEA1
GND
SYNCO
BIAS
FSKI
AMSI
STO
MO
VCC
TC1
TC2
TR1
TR2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AMSI
STO
MO
VCC
TC1
TC2
TR1
TR2
SYMA2
SYMA1
WAVEA2
WAVEA1
GND
SYNCO
BIAS
FSKI
16 Lead SOIC (Jedec, 0.300”)
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
PIN DESCRIPTION
Pin #
Symbol
Type
Description
1
AMSI
I
Amplitude Modulating Signal Input.
2
STO
O
Sine or Triangle Wave Output.
3
MO
O
Multiplier Output.
4
VCC
Positive Power Supply.
5
TC1
I
Timing Capacitor Input.
6
TC2
I
Timing Capacitor Input.
7
TR1
O
Timing Resistor 1 Output.
8
TR2
O
Timing Resistor 2 Output.
9
FSKI
I
Frequency Shift Keying Input.
10
BIAS
O
Internal Voltage Reference.
11
SYNCO
O
Sync Output. This output is a open collector and needs a pull up resistor to VCC.
12
GND
Ground pin.
13
WAVEA1
I
Wave Form Adjust Input 1.
14
WAVEA2
I
Wave Form Adjust Input 2.
15
SYMA1
I
Wave Symetry Adjust 1.
16
SYMA2
I
Wave Symetry Adjust 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com