Electronic Components Datasheet Search
  English  ▼

X  

XR2206CP Datasheet(PDF) 4 Page - Exar Corporation

Part # XR2206CP
Description  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP Datasheet(HTML) 4 Page - Exar Corporation

  XR2206CP Datasheet HTML 1Page - Exar Corporation XR2206CP Datasheet HTML 2Page - Exar Corporation XR2206CP Datasheet HTML 3Page - Exar Corporation XR2206CP Datasheet HTML 4Page - Exar Corporation XR2206CP Datasheet HTML 5Page - Exar Corporation XR2206CP Datasheet HTML 6Page - Exar Corporation XR2206CP Datasheet HTML 7Page - Exar Corporation XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XR-2206
4
Rev. 1.03
DC ELECTRICAL CHARACTERISTICS
Test Conditions: Test Circuit of
Figure 2 Vcc = 12V, TA = 25°C, C = 0.01mF, R1 = 100kW, R2 = 10kW, R3 = 25kW
Unless Otherwise Specified. S1 open for triangle, closed for sine wave.
XR-2206M/P
XR-2206CP/D
Parameters
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Conditions
General Characteristics
Single Supply Voltage
10
26
10
26
V
Split-Supply Voltage
+5
+13
+5
+13
V
Supply Current
12
17
14
20
mA
R1  10kW
Oscillator Section
Max. Operating Frequency
0.5
1
0.5
1
MHz
C = 1000pF, R1 = 1kW
Lowest Practical Frequency
0.01
0.01
Hz
C = 50
mF, R1 = 2MW
Frequency Accuracy
+1
+4
+2
% of fo
fo = 1/R1C
Temperature Stability
Frequency
+10
+50
+20
ppm/
°C 0°C  T
A  70°C
R1 = R2 = 20kW
Sine Wave Amplitude Stability2
4800
4800
ppm/
°C
Supply Sensitivity
0.01
0.1
0.01
%/V
VLOW = 10V, VHIGH = 20V,
R1 = R2 = 20kW
Sweep Range
1000:1
2000:1
2000:1
fH = fL
fH @ R1 = 1kW
fL @ R1 = 2MW
Sweep Linearity
10:1 Sweep
2
2
%
fL = 1kHz, fH = 10kHz
1000:1 Sweep
8
8
%
fL = 100Hz, fH = 100kHz
FM Distortion
0.1
0.1
%
+10% Deviation
Recommended Timing Components
Timing Capacitor: C
0.001
100
0.001
100
mF
Figure 5
Timing Resistors: R1 & R2
1
2000
1
2000
k
W
Triangle Sine Wave Output1
Figure 3
Triangle Amplitude
160
160
mV/k
W Figure 2, S1 Open
Sine Wave Amplitude
40
60
80
60
mV/k
W Figure 2, S1 Closed
Max. Output Swing
6
6
Vp-p
Output Impedance
600
600
W
Triangle Linearity
1
1
%
Amplitude Stability
0.5
0.5
dB
For 1000:1 Sweep
Sine Wave Distortion
Without Adjustment
2.5
2.5
%
R1 = 30kW
With Adjustment
0.4
1.0
0.5
1.5
%
See
Figure 7 and Figure 8
Notes
1 Output amplitude is directly proportional to the resistance, R3, on Pin 3. See Figure 3.
2 For maximum amplitude stability, R3 should be a positive temperature coefficient resistor.
Bold face parameters are covered by production test and guaranteed over operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com