Electronic Components Datasheet Search
  English  ▼

X  

XR2206CP Datasheet(PDF) 8 Page - Exar Corporation

Part # XR2206CP
Description  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR2206CP Datasheet HTML 4Page - Exar Corporation XR2206CP Datasheet HTML 5Page - Exar Corporation XR2206CP Datasheet HTML 6Page - Exar Corporation XR2206CP Datasheet HTML 7Page - Exar Corporation XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation XR2206CP Datasheet HTML 10Page - Exar Corporation XR2206CP Datasheet HTML 11Page - Exar Corporation XR2206CP Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XR-2206
8
Rev. 1.03
Figure 9. Frequency Drift versus
Temperature.
3
2
1
0
-1
-2
-3
-50
-25
0
25
50
75
125
C=0.01
mF
R=1M
W
R=2K
W
R=10K
W
R=200K
W
R=1M
W
R=1K
W
R=10K
W
R=2K
W
R=1K
W
Ambient Temperature (C
°)
Figure 10. Circuit Connection for Frequency Sweep.
Sweep
Input
+
-
VC
R
IB
IC
Rc
IT
Pin 7
or 8
12
100
Figure 11. Circuit tor Sine Wave Generation without External Adjustment.
(See
Figure 3 for Choice of R3)
R=200K
W
+
-
1
5
6
7
8
9
11
3
2
13
14
15
16
4
10
1 2
XR-2206
1
mF
C
R1
2M
1K
S1
Triangle Or
Sine Wave Output
Square Wave
Output
200
10K
R3
50K
5.1K
5.1K
VCC
10
mF
1
mF
R
VCC
VCC
Current
Switches
Mult.
And
Sine
Shaper
+1
+
+
VCO
S1 Closed For Sinewave
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com